Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5534AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE5534AN
Description  Dual and single low noise op amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5534AN Datasheet(HTML) 4 Page - NXP Semiconductors

  SE5534AN Datasheet HTML 1Page - NXP Semiconductors SE5534AN Datasheet HTML 2Page - NXP Semiconductors SE5534AN Datasheet HTML 3Page - NXP Semiconductors SE5534AN Datasheet HTML 4Page - NXP Semiconductors SE5534AN Datasheet HTML 5Page - NXP Semiconductors SE5534AN Datasheet HTML 6Page - NXP Semiconductors SE5534AN Datasheet HTML 7Page - NXP Semiconductors SE5534AN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE5533/5533A/
NE/SA/SE5534/5534A
Dual and single low noise op amp
August 31, 1994
117
AC ELECTRICAL CHARACTERISTICS
TA=25°C, VS=±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE5534/5534A
NE5533/5533A
NE/SA5534/5534A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
ROUT
Output resistance
AV=30dB closed-loop
f=10kHz, RL=600Ω,
CC=22pF
0.3
0.3
Transient response
Voltage-follower, VIN=50mV
RL=600Ω, CC=22pF,
CL=100pF
tR
Rise time
20
20
ns
Overshoot
20
20
%
Transient response
VIN=50mV, RL=600Ω
CC=47pF, CL=500pF
tR
Rise time
50
50
ns
Overshoot
35
35
%
AV
Gain
f=10kHz, CC=0
6
6
V/mV
f=10kHz, CC=22pF
2.2
2.2
V/mV
GBW
Gain bandwidth product
CC=22pF, CL=100pF
10
10
MHz
SR
Slew rate
CC=0
CC=22pF
13
6
13
6
V/
µs
V/
µs
Power bandwidth
VOUT=±10V, CC=0
200
200
kHz
VOUT=±10V, CC=22pF
95
95
kHz
VOUT=±14V, RL=600Ω
70
70
kHz
CC=22pF, VCC=±18V
ELECTRICAL CHARACTERISTICS
TA=25°C, VS = 15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
5533/5534
5533A/5534A
UNIT
Min
Typ
Max
Min
Typ
Max
fO=30Hz
7
5.5
7
nV/
√Hz
VNOISE
Input noise voltage
fO=1kHz
4
3.5
4.5
nV/
√Hz
fO=30Hz
2.5
1.5
pA/
√Hz
INOISE
Input noise current
fO=1kHz
0.6
0.4
pA/
√Hz
Broadband noise figure
f=10Hz-20kHz, RS=5kΩ
0.9
dB
Channel separation
f=1kHz, RS=5kΩ
110
110
dB


Similar Part No. - SE5534AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SE5534AN ONSEMI-SE5534AN Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
SE5534AN ONSEMI-SE5534AN Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
SE5534ANG ONSEMI-SE5534ANG Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
SE5534ANG ONSEMI-SE5534ANG Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
More results

Similar Description - SE5534AN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
logo
AUK corp
S4558P AUK-S4558P Datasheet
240Kb / 3P
   Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
   Low Noise Single OP AMP
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
National Semiconductor ...
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
   Low Noise, Low Vos, Single Op Amp
logo
Analog Devices
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com