Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA568AN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA568AN
Description  150MHz phase-locked loop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA568AN Datasheet(HTML) 9 Page - NXP Semiconductors

  SA568AN Datasheet HTML 1Page - NXP Semiconductors SA568AN Datasheet HTML 2Page - NXP Semiconductors SA568AN Datasheet HTML 3Page - NXP Semiconductors SA568AN Datasheet HTML 4Page - NXP Semiconductors SA568AN Datasheet HTML 5Page - NXP Semiconductors SA568AN Datasheet HTML 6Page - NXP Semiconductors SA568AN Datasheet HTML 7Page - NXP Semiconductors SA568AN Datasheet HTML 8Page - NXP Semiconductors SA568AN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Philips Semiconductors
Product specification
NE/SA568A
150MHz phase-locked loop
1996 Feb 1
9
J2
R5
C7
C13
NE568AD
70MHz
PLL10570
0.1
µF
0.1
µF
51
VOUT
J3
0.1
µF
C12
R3
47pF
43
C11
R6
R2
2K
C10
560pF
R1
27
47pF
1.5k
C9
U1
C1
0.1
µF
+5V
GND
J1
SR01115
Figure 13. NE568AD Board Layout (Not Actual Size)


Similar Part No. - SA568AN

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA56 APEX-SA56 Datasheet
541Kb / 7P
   PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
370Kb / 7P
   PULSE WIDTH MODULATION AMPLIFIER
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
162Kb / 3P
   Standard-Displays
More results

Similar Description - SA568AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com