Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59483IRZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59483IRZ-T13
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483IRZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59483IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6394.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59483
Dual, 500MHz Triple, Multiplexing
Amplifiers
The ISL59483 contains a gain of 1 triple 4:1 MUX amplifier
(MUX1), and a second gain of 2 triple 4:1 MUX amplifier
(MUX2). Each feature high slew rate and excellent
bandwidth for RGB video switching. They contain separate
binary coded, channel select logic inputs (S0, S1), and
separate logic inputs for High Impedance output (HIZ) and
power-down (EN) modes. The HIZ state presents a high
impedance at the output so that both RGB MUX outputs can
be wired together to form an 8:1 RGB MUX amplifier or they
can be used in R-R, G-G, and B-B pairs to form a 4:1
differential input/output MUX. Separate power-down mode
controls (EN1, EN2) are included to turn off unneeded
circuitry in power sensitive applications. With both EN pins
pulled high, the ISL59483 enters a standby power mode,
consuming just 36mW.
Features
• Separate gain of 1 and gain of 2, triple 4:1 multiplexers for
RGB
• Externally configurable for various video MUX circuits
including
- 8:1 RGB MUX with selectable gains of 1 or 2
- Two separate 4:1 RGB MUX with gains of 1 and 2
• High impedance outputs (HIZ)
• Power-down mode (EN)
• ±5V operation
• ±870V/µs slew rate (G = 1), ±1600V/µs slew rate (G = 2)
• 500MHz bandwidth
• Supply current 16mA/CH
• Pb-free plus anneal (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL59483IRZ
ISL59483 IRZ
-
48 Ld Exposed
Pad 7x7 QFN
L48.7x7B
ISL59483IRZ-T13 ISL59483 IRZ
13”
48 Ld Exposed
Pad 7x7 QFN
L48.7x7B
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59483
S1-1, 2
S0-1, 2
EN1, EN2
HIZ1, 2
OUTPUT1, 2
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power-down
XX
0
1
High Z
Data Sheet
December 22, 2006


Similar Part No. - ISL59483IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59483IRZ-T13 INTERSIL-ISL59483IRZ-T13 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483IRZ-T13 RENESAS-ISL59483IRZ-T13 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - ISL59483IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com