Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83202IPZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL83202IPZ
Description  55V, 1A Peak Current H-Bridge FET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83202IPZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL83202IPZ Datasheet HTML 2Page - Intersil Corporation ISL83202IPZ Datasheet HTML 3Page - Intersil Corporation ISL83202IPZ Datasheet HTML 4Page - Intersil Corporation ISL83202IPZ Datasheet HTML 5Page - Intersil Corporation ISL83202IPZ Datasheet HTML 6Page - Intersil Corporation ISL83202IPZ Datasheet HTML 7Page - Intersil Corporation ISL83202IPZ Datasheet HTML 8Page - Intersil Corporation ISL83202IPZ Datasheet HTML 9Page - Intersil Corporation ISL83202IPZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6382.0
December 20, 2006
ISL83202
Pin Descriptions
PIN
NUMBE
R
SYMBOL
DESCRIPTION
1
BHB
B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode
and positive side of bootstrap capacitor to this pin.
2
BHI
B High-side Input. Logic level input that controls BHO driver (Pin 16). BLI (Pin 3) high level input overrides BHI high level
input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides BHI high level input. The
pin can be driven by signal levels of 0V to 15V (no greater than VDD).
3
BLI
B Low-side Input. Logic level input that controls BLO driver (Pin 14). If BHI (Pin 2) is driven high or not connected externally
then BLI controls both BLO and BHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level
input overrides BLI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
4
ALI
A Low-side Input. Logic level input that controls ALO driver (Pin 13). If AHI (Pin 7) is driven high or not connected externally
then ALI controls both ALO and AHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level
input overrides ALI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
5
DEL
Turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the dead time between drivers. All
drivers turn-off with no adjustable delay, so the DEL resistor guarantees no shoot-through by delaying the turn-on of all
drivers. The voltage across the DEL resistor is approximately VDD -2V.
6VSS
Chip negative supply, generally will be ground.
7
AHI
A High-side Input. Logic level input that controls AHO driver (Pin 10). ALI (Pin 4) high level input overrides AHI high level
input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides AHI high level input. The
pin can be driven by signal levels of 0V to 15V (no greater than VDD).
8
DIS
DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When
DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 15V (no
greater than VDD).
9
AHB
A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode
and positive side of bootstrap capacitor to this pin.
10
AHO
A High-side Output. Connect to gate of A High-side power MOSFET.
11
AHS
A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
12
VDD
Positive supply to control logic and lower gate drivers. De-couple this pin to VSS (Pin 6).
13
ALO
A Low-side Output. Connect to gate of A Low-side power MOSFET.
14
BLO
B Low-side Output. Connect to gate of B Low-side power MOSFET.
15
BHS
B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
16
BHO
B High-side Output. Connect to gate of B High-side power MOSFET.
ISL83202


Similar Part No. - ISL83202IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83202IPZ INTERSIL-ISL83202IPZ Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
ISL83202IPZ RENESAS-ISL83202IPZ Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
More results

Similar Description - ISL83202IPZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com