Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83202IBZT Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL83202IBZT
Description  55V, 1A Peak Current H-Bridge FET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83202IBZT Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL83202IBZT Datasheet HTML 4Page - Intersil Corporation ISL83202IBZT Datasheet HTML 5Page - Intersil Corporation ISL83202IBZT Datasheet HTML 6Page - Intersil Corporation ISL83202IBZT Datasheet HTML 7Page - Intersil Corporation ISL83202IBZT Datasheet HTML 8Page - Intersil Corporation ISL83202IBZT Datasheet HTML 9Page - Intersil Corporation ISL83202IBZT Datasheet HTML 10Page - Intersil Corporation ISL83202IBZT Datasheet HTML 11Page - Intersil Corporation ISL83202IBZT Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6382.0
December 20, 2006
ISL83202
FIGURE 10. VOL vs BIAS VOLTAGE AND TEMPERATURE
FIGURE 11. UNDERVOLTAGE TRIP VOLTAGES vs
TEMPERATURE
FIGURE 12. UPPER LOWER TURN-O
N/TURN-OFF
PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. UPPER
/LOWER DIS(ABLE) TO TURN-ON/OFF vs
TEMPERATURE (°C)
FIGURE 14. FULL BRIDGE LEVEL-SHIFT CURRENT vs
FREQUENCY (kHz)
FIGURE 15. MAXIMUM POWER DISSIPATION vs AMBIENT
TEMPERATURE
Performance Curves (Continued)
8
9
10
11
12
13
14
1.4
VDD SUPPLY VOLTAGE (V)
15
1.2
0.8
0.6
-55
°C
-40
°C
0
°C
+25
°C
+125
°C
+150
°C
1
-60
-40
-20
0
20
40
60
80
100
120
140 160
5
5.5
6
6.5
7
7.5
8
JUNCTION TEMPERATURE (
°C)
LOWER
U/V RESET
LOWER
U/V SET
UPPER
U/V SET/RESET
-60
-40
-20
0
20
40
60
80
100
120
140 160
20
30
40
50
60
70
80
90
100
JUNCTION TEMPERATURE (
°C)
UPPER tON
UPPER tOFF
LOWER tON
LOWER tOFF
-60
-40
-20
0
20
40
60
80
100
120
140 160
10
100
104
JUNCTION TEMPERATURE (
°C)
1000
DISHTON
DISHTOFF
DISLTON
DISLOFF
0
20
40
60
80
100
0.5
1
1.5
2
SWITCHING FREQUENCY (kHz)
-60
-30
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
AMBIENT TEMPERATURE (
°C)
SOIC
16 PIN DIP
QUIESCENT BIAS COMPONENT


Similar Part No. - ISL83202IBZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83202IBZT INTERSIL-ISL83202IBZT Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
ISL83202IBZT RENESAS-ISL83202IBZT Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
More results

Similar Description - ISL83202IBZT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com