Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83202IBZT Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL83202IBZT
Description  55V, 1A Peak Current H-Bridge FET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83202IBZT Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL83202IBZT Datasheet HTML 4Page - Intersil Corporation ISL83202IBZT Datasheet HTML 5Page - Intersil Corporation ISL83202IBZT Datasheet HTML 6Page - Intersil Corporation ISL83202IBZT Datasheet HTML 7Page - Intersil Corporation ISL83202IBZT Datasheet HTML 8Page - Intersil Corporation ISL83202IBZT Datasheet HTML 9Page - Intersil Corporation ISL83202IBZT Datasheet HTML 10Page - Intersil Corporation ISL83202IBZT Datasheet HTML 11Page - Intersil Corporation ISL83202IBZT Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6382.0
December 20, 2006
ISL83202
Performance Curves
FIGURE 4. IDD SUPPLY CURRENT vs TEMPERATURE AND
VDD SUPPLY VOLTAGE
FIGURE 5. VDD SUPPLY CURRENT vs TEMPERATURE AND
SWITCHING FREQUENCY (1000pF LOAD)
FIGURE 6. FLOATING (IXHB) BIAS CURRENT vs
FREQUENCY AND LOAD
FIGURE 7. GATE SOURCE/SINK PEAK CURRENT vs BIAS
SUPPLY VOLTAGE AT +25°C
FIGURE 8. GATE CURRENT vs TEMPERATURE,
NORMALIZED TO +25°C
FIGURE 9. VDD-VOH vs BIAS VOLTAGE TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
120
140
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
JUNCTION TEMPERATURE (
°C)
VDD = 16V
VDD = 15V
VDD = 12V
VDD = 10V
VDD = 8V
-60
-40
-20
0
20
40
60
80
100
120
140
4
5
6
7
8
9
10
11
12
13
14
15
16
JUNCTION TEMPERATURE (
°C)
200kHz
100kHz
50kHz
10kHz
0
50
100
150
200
0
1
2
3
4
5
6
7
8
FREQUENCY (kHz)
1000pF LOAD
NO LOAD
8
9
10
11
12
13
14
15
0.5
0.75
1
1.25
1.5
1.75
BIAS SUPPLY VOLTAGE (V) AT +25
°C
BIAS
2
SOURCE and SINK
-75
-50
-25
0
25
50
75
100
125
150
0.8
0.9
1
1.1
1.2
JUNCTION TEMPERATURE (
°C)
8
9
10
11
12
13
14
15
0.6
1
1.4
VDD SUPPLY VOLTAGE (V)
1.2
0.8
-55
°C
-40
°C
0
°C
+25
°C
+125
°C
+150
°C


Similar Part No. - ISL83202IBZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83202IBZT INTERSIL-ISL83202IBZT Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
ISL83202IBZT RENESAS-ISL83202IBZT Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
More results

Similar Description - ISL83202IBZT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
   55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com