Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8906D0 Datasheet(PDF) 1 Page - NTE Electronics

Part # 8906D0
Description  50V CERAMIC DISC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

8906D0 Datasheet(HTML) 1 Page - NTE Electronics

  8906D0 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
151
50V CERAMIC DISC
89000 SERIES
18
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
The 89000 series is a range of insulated disc, monolythic
fixed ceramic capacitors. They are most commonly used
in consumer electronics and telecommunication equip-
ment.
RATINGS
Capacitance Range: 1.0pf to 0.10
µf (100,000pf)
Voltage: 50 Volts DC
Withstand Voltage: 150 Volts DC
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–25
°C to +85°C (–13°F to +185°F)
Tolerance Range:
8901D0–89010
±0.5pf
89012–89312
±10%
89315
±20%
89322–89410
+80%, –20%
Temperature Coefficient:
8901D0–89110
NPO (Stable)
89112–89310
YSP (
±10%)
89312–89315
Y5R (
±15%)
89322–89410
Y5V (+30% – 80%)
Insulation Resistance: 10,000M
Ω Min,
but, 5,000M
Ω Min for capacitance over
0.020
µf
ORDERING INFORMATION
89
0
12
Series
Multiplier
Capacitance in pf
Example:
8901D5 = 1.5pf
89012
= 12pf
89112
= 120pf
MARKING EXAMPLE
Figure 1
Example: 150pf =
151
1500pf =
152
0.015
µf =
153
89000 Series Dimensions (Figure 2)
Cap
T
S
Cap
T
S
pf
mm
mm
mm
pf
mm
mm
mm
1.0pf
4
4
2.5
220pf
4
4
2.5
1.5pf
4
4
2.5
330pf
4
4
2.5
2.0pf
4
4
2.5
470pf
4
4
2.5
3.0pf
4
4
2.5
680pf
4
4
2.5
5.0pf
4
4
2.5
820pf
5
4
2.5
6.0pf
4
4
2.5
1000pf
5
4
2.5
7.0pf
4
4
2.5
1200pf
5
4
2.5
8.0pf
4
4
2.5
1500pf
5
4
2.5
10pf
4
4
2.5
2200pf
5
4
2.5
12pf
4
4
2.5
3300pf
8
4
5.1
15pf
4
4
2.5
4700pf
8
4
5.1
18pf
5
4
2.5
5600pf
9.5
4
5.1
22pf
5
4
2.5
6800pf
9.5
4
5.1
33pf
5
4
2.5
8200pf
10.5
3
5.1
39pf
6.3
4
5.1
0.01
µf
12.5
3
5.1
47pf
6.3
4
5.1
0.012
µf
6.3
4
5.1
56pf
6.3
4
5.1
0.015
µf
6.3
4
5.1
68pf
8
4
5.1
0.022
µf
8
4
5.1
82pf
8
4
5.1
0.047
µf
12.5
4
5.1
100pf
8
4
5.1
0.068
µf 12.25
3.25
7.5
120pf
4
4
2.5
0.10
µf
7.3
3.25
4.5
Figure 2
All dimensions are in mm
D Ø
1.0 Max
S
T
25.4 Min
0.5
±0.05 Dia


Similar Part No. - 8906D0

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
logo
List of Unclassifed Man...
8906 ETC2-8906 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
More results

Similar Description - 8906D0

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
89012 NTE-89012 Datasheet
438Kb / 1P
   50V CERAMIC DISC
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
   CERAMIC DISC
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
   CERAMIC DISC CAPACITOR
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com