Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6268CAZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6268CAZ-T
Description  High-Performance Notebook PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6268CAZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6268CAZ-T Datasheet HTML 6Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 7Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 8Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 9Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 10Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 11Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 12Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 13Page - Intersil Corporation ISL6268CAZ-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6348.0
August 22, 2006
Programming the PWM Switching Frequency
The ISL6268 does not use a clock signal to produce PWM.
The PWM switching frequency FSW is programmed by the
resistor RFSET that is connected from the FSET pin to the
GND pin. The approximate PWM switching frequency is
written as:
Estimating the value of RFSET is written as:
where:
-FSW is the PWM switching frequency
-RFSET is the FSW programming resistor
- K = 75 x 10-12
It is recommended that whenever the control loop
compensation network is modified, FSW should be checked
for the correct frequency and if necessary, adjust RFSET.
Compensation Design
The LC output filter has a double pole at its resonant frequency
that causes the phase to abruptly roll downward. The R3
modulator used in the ISL6268 makes the LC output filter
resemble a first order system in which the closed loop stability
can be achieved with a Type II compensation network.
Your local Intersil representative can provide a PC-based
tool that can be used to calculate compensation network
component values and help simulate the loop frequency
response. The compensation network consists of the internal
error amplifier of the ISL6268 and the external components R1,
R2, C1, and C2, as well as the frequency setting components
RFSET and CFSET (all identified in Figure 5).
F
SW
1
KR
FSET
---------------------------
=
(EQ. 7)
R
FSET
1
KF
SW
--------------------
=
(EQ. 8)
GND
PHASE
UG
LG
COUT
LOUT
ISL6268
QHIGH_SIDE
RFSET
CFSET
QLOW_SIDE
EA
+
VIN
VIN
VO
FB
R2
R1
C1
C2
-
FSET
COMP
REF
CESR
GATE DRIVERS
DCR
R3
VOUT
FIGURE 5. COMPENSATION REFERENCE CIRCUIT
MODULATOR
ISL6268


Similar Part No. - ISL6268CAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6268CAZ-T RENESAS-ISL6268CAZ-T Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
More results

Similar Description - ISL6268CAZ-T

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com