Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5570 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE5570
Description  Brushless DC motor controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5570 Datasheet(HTML) 2 Page - NXP Semiconductors

  SE5570 Datasheet HTML 1Page - NXP Semiconductors SE5570 Datasheet HTML 2Page - NXP Semiconductors SE5570 Datasheet HTML 3Page - NXP Semiconductors SE5570 Datasheet HTML 4Page - NXP Semiconductors SE5570 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5570
Brushless DC motor controller
August 31, 1994
1152
BLOCK DIAGRAM
DAC REGISTER
1
2
3
DATA
CLOCK
CE
DATA REGISTER
MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10
D0 D1 D2 D3 D4 D5 D6 D7 D8
LOAD
MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8
RESET
DAC REF IN
4
5
OSC OUT
6
Rt/Ct
7
SAWTOOTH
GENERATOR
PWM
LOOP
FILTER
8
2
ERROR
AMP
LOOP FILTER
1
9
DAC
S
Q
R
CW/CCW
ENABLE
CNTL
D8
LDR
MR
Q8
REGISTER
D7 D6 D5 D4 LCTL
Q7
Q6
Q5
Q4 PGO 120
BRAKE CMD
BRAKE ENABLE
LOCK
BRAKE
CYCLE CMD
Q
R
S
I SENSE
COMP
+
OR AMP
HS3 HS2
HS1
15
16
17
24
13
23
VDD
PHASE 1H
22
21
20
PHASE 1L
PHASE 2H
PHASE 2L
19
18
PHASE 3H
PHASE 3L
0.5V
14
I SENSE
12
NON INV
INV
11
+
FDBK
10
20 21 22 23 24 25 26 27
GND
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
SYMBOL
PARAMETER
NE5570
SA5570
SE5570
UNIT
Temperature range
TA
Operating ambient
0 to 70
-40 to 85
-55 to 125
°C
TJ
Operating junction
-55 to 150
-55 to 150
-55 to 150
°C
TSTG
Storage
-65 to 150
-65 to 150
-65 to 150
°C
VDD
Power supply
16
16
16
V
Logic inputs, all
-0.3 to 15
-0.3 to 15
-0.3 to 15
V


Similar Part No. - SE5570

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5509 SEAWARD-SE5509 Datasheet
220Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509ALG-LF SEAWARD-SE5509ALG-LF Datasheet
220Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509BALG-LF SEAWARD-SE5509BALG-LF Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - SE5570

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com