Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54205AIRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54205AIRZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205AIRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54205AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6342.1
December 7, 2006
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. AUDIO rON TEST CIRCUIT
FIGURE 4. USB rON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
VBUSH
VBUSL
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VBUS
VBUS
COMx
RL
CL
VOUT
10pF
50
Ω
D- or D+
L or R
VDD
GND
VINPUT
C
CTRL
Repeat test for all switches. CL includes fixture and stray capacitance.
VDD
C
OV OR FLOAT
L OR R
COMX
VBUS
GND
VL OR R
V1
rON = V1/100mA
100mA
Repeat test for all switches.
CTRL
VDD
C
4.4V to 5.25V
D- or D+
COMx
VBUS
GND
VD- or D+
V1
rON = V1/40mA
40mA
Repeat test for all switches.
CTRL
ISL54205A


Similar Part No. - ISL54205AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54205AIRZ-T RENESAS-ISL54205AIRZ-T Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com