Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL65426IRZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL65426IRZA
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426IRZA Datasheet(HTML) 5 Page - Intersil Corporation

  ISL65426IRZA Datasheet HTML 1Page - Intersil Corporation ISL65426IRZA Datasheet HTML 2Page - Intersil Corporation ISL65426IRZA Datasheet HTML 3Page - Intersil Corporation ISL65426IRZA Datasheet HTML 4Page - Intersil Corporation ISL65426IRZA Datasheet HTML 5Page - Intersil Corporation ISL65426IRZA Datasheet HTML 6Page - Intersil Corporation ISL65426IRZA Datasheet HTML 7Page - Intersil Corporation ISL65426IRZA Datasheet HTML 8Page - Intersil Corporation ISL65426IRZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN6340.2
February 21, 2007
FIGURE 3. TYPICAL APPLICATION FOR 5A:1A CONFIGURATION
Typical Application Schematics (Continued)
PGND
FB2
100
μF
C3
L2
2.2
μH
3.3V
0.1
μF
C5
5.0V
22
μF
C4
5.0V
5.0V
VCC
PVIN5
GND
FB1
330
μF
C2
L1
1.0
μH
2.5V
5.0V
22
μF
C1
LX1
PVIN1
PVIN2
LX2
5.0V
ISL65426
LX3
5A
1A
LX5
LX4
PVIN3
PVIN4
5.0V
22
μF
C2
PVIN6
LX6
10k
Ω
31.6k
Ω
ISL65426


Similar Part No. - ISL65426IRZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL65426IRZA RENESAS-ISL65426IRZA Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL65426IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com