Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL65426 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL65426 Datasheet HTML 5Page - Intersil Corporation ISL65426 Datasheet HTML 6Page - Intersil Corporation ISL65426 Datasheet HTML 7Page - Intersil Corporation ISL65426 Datasheet HTML 8Page - Intersil Corporation ISL65426 Datasheet HTML 9Page - Intersil Corporation ISL65426 Datasheet HTML 10Page - Intersil Corporation ISL65426 Datasheet HTML 11Page - Intersil Corporation ISL65426 Datasheet HTML 12Page - Intersil Corporation ISL65426 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN6340.2
February 21, 2007
Typical Performance Curves
Circuit of Figure 2. VIN = 5V, IOUT1 = 4A, IOUT2 = 2A, TA = -10°C to +100°C unless otherwise
noted. Typical values are at TA = +25°C.
FIGURE 4. VOUT1 = 1.2V EFFICIENCY vs LOAD
FIGURE 5. VOUT1 = 1.5V EFFICIENCY vs LOAD
FIGURE 6. VOUT1 = 1.8V EFFICIENCY vs LOAD
FIGURE 7. VOUT2 = 1.8V EFFICIENCY vs LOAD
FIGURE 8. VOUT2 = 2.5V EFFICIENCY VS LOAD
FIGURE 9. VOUT2 = 3.3V EFFICIENCY vs LOAD
OUTPUT LOAD (A)
0.1
1.0
2.0
3.0
4.0
2.5VIN
3.3VIN
5.5VIN
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VIN
3.3VIN
5.5VIN
0.1
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VIN
3.3VIN
5.5VIN
0.1
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1.0
1.5
OUTPUT LOAD (A)
2.0
2.5VIN
3.3VIN
5.5VIN
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1.0
1.5
OUTPUT LOAD (A)
5.5VIN
4VIN
3VIN
2.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
5.5VIN
4.5VIN
5VIN
0.1
0.5
1.0
1.5
2.0
ISL65426


Similar Part No. - ISL65426

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426HRZ INTERSIL-ISL65426HRZ Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426HRZ RENESAS-ISL65426HRZ Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426IRZA RENESAS-ISL65426IRZA Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL65426

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com