Electronic Components Datasheet Search |
|
ISL8842AAUZ Datasheet(PDF) 11 Page - Intersil Corporation |
|
ISL8842AAUZ Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 15 page 11 FN6320.3 April 18, 2007 Soft-Start Operation Soft-start must be implemented externally. One method, illustrated below, clamps the voltage on COMP. The COMP pin is clamped to the voltage on capacitor C1 plus a base-emitter junction by transistor Q1. C1 is charged from VREF through resistor R1 and the base current of Q1. At power-up C1 is fully discharged, COMP is at ~0.7V, and the duty cycle is zero. As C1 charges, the voltage on COMP increases, and the duty cycle increases in proportion to the voltage on C1. When COMP reaches the steady state operating point, the control loop takes over and soft start is complete. C1 continues to charge up to VREF and no longer affects COMP. During power down, diode D1 quickly discharges C1 so that the soft start circuit is properly initialized prior to the next power on sequence. Gate Drive The ISL884xA is capable of sourcing and sinking 1A peak current. To limit the peak current through the IC, an optional external resistor may be placed between the totem-pole output of the IC (OUT pin) and the gate of the MOSFET. This small series resistor also damps any oscillations caused by the resonant tank of the parasitic inductances in the traces of the board and the FET’s input capacitance. Slope Compensation For applications where the maximum duty cycle is less than 50%, slope compensation may be used to improve noise immunity, particularly at lighter loads. The amount of slope compensation required for noise immunity is determined empirically, but is generally about 10% of the full scale current feedback signal. For applications where the duty cycle is greater than 50%, slope compensation is required to prevent instability. Slope compensation may be accomplished by summing an external ramp with the current feedback signal or by subtracting the external ramp from the voltage feedback error signal. Adding the external ramp to the current feedback signal is the more popular method. From the small signal current-mode model [1] it can be shown that the naturally-sampled modulator gain, Fm, without slope compensation, is in Equation 6. where Sn is the slope of the sawtooth signal and Tsw is the duration of the half-cycle. When an external ramp is added, the modulator gain becomes: where Se is slope of the external ramp and The criteria for determining the correct amount of external ramp can be determined by appropriately setting the damping factor of the double-pole located at the switching frequency. The double-pole will be critically damped if the Q-factor is set to 1, over-damped for Q < 1, and under-damped for Q > 1. An under-damped condition may result in current loop instability. where D is the percent of on time during a switching cycle. Setting Q = 1 and solving for Se yields Since Sn and Se are the on time slopes of the current ramp and the external ramp, respectively, they can be multiplied by tON to obtain the voltage change that occurs during tON. where Vn is the change in the current feedback signal ( ΔI) during the on time and Ve is the voltage that must be added by the external ramp. For a flyback converter, Vn can be solved for in terms of input voltage, current transducer components, and primary inductance, yielding where RCS is the current sense resistor, fsw is the switching frequency, Lp is the primary inductance, VIN is the minimum input voltage, and D is the maximum duty cycle. FIGURE 5. SOFT-START VREF COMP GND C1 Q1 D1 R1 Fm 1 SnTsw -------------------- = (EQ. 6) Fm 1 Sn Se + ()Tsw --------------------------------------- 1 m cSnTsw ---------------------------- == (EQ. 7) m c 1 Se Sn ------- + = (EQ. 8) Q 1 π m c 1D – () 0.5 – () ------------------------------------------------- = (EQ. 9) S e S n 1 π --- 0.5 + ⎝⎠ ⎛⎞ 1 1D – ------------- 1 – ⎝⎠ ⎛⎞ = (EQ. 10) V e V n 1 π --- 0.5 + ⎝⎠ ⎛⎞ 1 1D – ------------- 1 – ⎝⎠ ⎛⎞ = (EQ. 11) V e DT ⋅ SW VIN RCS ⋅⋅ L p ---------------------------------------------------- 1 π --- 0.5 + ⎝⎠ ⎛⎞ 1 1D – ------------- 1 – ⎝⎠ ⎛⎞ = V (EQ. 12) ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A |
Similar Part No. - ISL8842AAUZ |
|
Similar Description - ISL8842AAUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |