Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22449WFV14Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22449WFV14Z
Description  Quad Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449WFV14Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22449WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6333.2
September 15, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +3.6V, 10k DCP, fSPI = 5MHz; (for SPI
active, read and write states)
2.5
mA
VCC Supply Current (volatile
write/read)
VCC = +3.6V, 50k DCP, fSPI = 5MHz; (for SPI
active, read and write states)
0.65
mA
ICC2
VCC Supply Current ( non-volatile
write/read)
VCC = +5.5V, 10k DCP, fSPI = 5MHz; (for SPI
active, read and write states)
4.0
mA
VCC Supply Current ( non-volatile
write/read)
VCC = +5.5V, 50k DCP, fSPI = 5MHz; (for SPI
active, read and write states)
3.0
mA
ISB
VCC Current (standby)
VCC = +5.5V, 10k DCP, SPI interface in
standby state
2.4
mA
VCC = +5.5V, 50k DCP, SPI interface in
standby state
525
µA
VCC = +3.6V, 10k DCP, SPI interface in
standby state
1.6
mA
VCC = +3.6V, 50k DCP, SPI interface in
standby state
350
µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, SPI interface in
standby state
5µA
VCC = +5.5V@ +125°C, SPI interface in
standby state
6.5
µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
4µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
5.5
µA
ILkgDig
Leakage current, at pins SHDN, SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 15)
DCP wiper response time
SCK falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 15)
DCP recall time from shutdown mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCK rising edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on recall voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VccRamp
Vcc ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and SPI Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature
T < +55°C
50
Years
tWC
(Note 13)
Non-volatile Write cycle time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SHDN, SCK, SDI, and CS input buffer
LOW voltage
-0.3
0.3*VCC
V
VIH
SHDN, SCK, SDI, and CS input buffer
HIGH voltage
0.7*VCC
VCC+0.3
V
ISL22449


Similar Part No. - ISL22449WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22449WFV14Z INTERSIL-ISL22449WFV14Z Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
ISL22449WFV14Z RENESAS-ISL22449WFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

Similar Description - ISL22449WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com