Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE532FE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE532FE
Description  Low power dual operational amplifi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE532FE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE532FE Datasheet HTML 3Page - NXP Semiconductors SE532FE Datasheet HTML 4Page - NXP Semiconductors SE532FE Datasheet HTML 5Page - NXP Semiconductors SE532FE Datasheet HTML 6Page - NXP Semiconductors SE532FE Datasheet HTML 7Page - NXP Semiconductors SE532FE Datasheet HTML 8Page - NXP Semiconductors SE532FE Datasheet HTML 9Page - NXP Semiconductors SE532FE Datasheet HTML 10Page - NXP Semiconductors SE532FE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
15
10
5
NEGATIVE
POSITIVE
0
5
10
15
V+ OR V— POWER SUPPLY VOLTAGE (+ VDC)
VCM = 0 VDC
V+ = +30 VDC
V+ = +15 VDC
V+ = +5 VDC
90
80
70
60
50
40
30
20
10
0
–55 –35 –15
5
25
45
65
85 105 125
Tamb — TEMPERATURE (°C)
100
100
7.5 VDC
VO
100 k
+
+
VIN
+7.5 VDC
120
100
80
60
40
20
0
100
1k
10k
100k
1M
f — FREQUENCY (Hz)
Input Voltage Range
Input Current
Common–Mode Rejection Ratio
SL00285
100 k
Figure 4. Typical performance characteristics (continued).
TYPICAL APPLICATIONS
V+
2
Non-Inverting Amplifier
RF
V+
8
RL
VO
RIN
V+
2
V
IN
+
4
V+
8
VO
V
IN
+
4
V+
10 k
V+
8
VO
V
IN
+
4
V+
RF
BLOCKS
DC.
GAIN
R1
Single Supply Inverting Amplifier
Input Biasing Voltage Follower
SL00286
10 k
10 k
10 k
Figure 5. Typical applications.


Similar Part No. - SE532FE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE531 PHILIPS-SE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Seaward Electronics Inc...
SE5317 SEAWARD-SE5317 Datasheet
250Kb / 6P
   300mA CMOS LDO
SE5317-LF SEAWARD-SE5317-LF Datasheet
250Kb / 6P
   300mA CMOS LDO
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
SE5318-LF SEAWARD-SE5318-LF Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
More results

Similar Description - SE532FE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com