Part Name
         Description
ISL6322_07

 Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications ( 41 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 4 page
background image
4
FN6328.1
February 15, 2007
ISL6322 Integrated Driver Block Diagram
Simplified I2C Bus Architecture
THROUGH
SHOOT-
PROTECTION
BOOT
UGATE
PHASE
LGATE
LOGIC
CONTROL
GATE
PVCC
10k
Ω
PWM
SOFT-START
AND
FAULT LOGIC
DRSEL
20k
Ω
+5V
RSS
RSS
ISL6322
SCL
SDA
A0
SLAVE ADDRESS:
IC #2
SLAVE
SCL
SDA
IC #1
SLAVE
SCL
SDA
SCL
MASTER
I2C BUS
SDA
+5V
+5V
1000_110x
ISL6322
SCL
SDA
A0
SLAVE ADDRESS:
1000_111x
NOTE: PIN A0 SELECTS THE SLAVE ADDRESS FOR THE ISL6322
ISL6322
ISL6322



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
L67144 phase controller with embedded drivers for Intel VR10 VR11 and AMD 6Bit CPUs 1 2 3 4 5 MoreSTMicroelectronics
CS5301_06Three−Phase Buck Controller with Integrated Gate Drivers and Power Good 1 2 3 4 5 MoreON Semiconductor
CS5322Two−Phase Buck Controller with Integrated Gate Drivers and 5−Bit DAC 1 2 3 4 5 MoreON Semiconductor
NCP5322A_07Two−Phase Buck Controller with Integrated Gate Drivers and 5−Bit DAC 1 2 3 4 5 MoreON Semiconductor
NCP5383Two Phase Buck Controller with Integrated Gate Drivers and AVP 1 ON Semiconductor
CS5332Two−Phase Buck Controller with Integrated Gate Drivers for VRM 9.0 1 2 3 4 5 MoreON Semiconductor
ISL81183.3V to 20V Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl