Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8118 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8118
Description  3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8118 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8118 Datasheet HTML 4Page - Intersil Corporation ISL8118 Datasheet HTML 5Page - Intersil Corporation ISL8118 Datasheet HTML 6Page - Intersil Corporation ISL8118 Datasheet HTML 7Page - Intersil Corporation ISL8118 Datasheet HTML 8Page - Intersil Corporation ISL8118 Datasheet HTML 9Page - Intersil Corporation ISL8118 Datasheet HTML 10Page - Intersil Corporation ISL8118 Datasheet HTML 11Page - Intersil Corporation ISL8118 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN6325.0
August 1, 2006
TGATE Source Saturation Current
ITGATE
VTGATE-LX = 2.5V, PVCC = 5.0V
-
2.0
-
A
TGATE Sink Resistance
RTGATE
500mA Sink Current, PVCC = 5.0V
-
1.0
-
TGATE Sink Saturation Current
ITGATE
VTGATE-LX = 2.5V, PVCC = 5.0V
-
2.0
-
A
Bgate Source Resistance
RBGATE
500mA Source Current, PVCC = 5.0V
-
1.0
-
Bgate Source Saturation Current
IBGATE
VBGATE = 2.5V, PVCC = 5.0V
-
2.0
-
A
Bgate Sink Resistance
RBGATE
500mA Sink Current, PVCC = 5.0V
-
0.4
-
Bgate Sink Saturation Current
IBGATE
VBGATE = 2.5V, PVCC = 5.0V
-
4.0
-
A
INTERNAL LINEAR REGULATOR
Maximum Current
IVIN
-
200
-
mA
Saturated Equivalent Impedance
RLIN
VIN = 3.3V
-
2
3.25
Linear Regulator Voltage
PVCC
VIN = 22V, Load = 0 to 100mA
5.42
5.6
5.72
V
EXTERNAL LINEAR REGULATOR
Maximum Sinking Drive Current
EXDRV
0.25
-
0.9
mA
OVERCURRENT PROTECTION (OCP)
Bottom Side OCP (BSOC) Current
Source
IBSOC
BSOC = 0V to Vcc - 1.0V, TA = 0°C to 70°C
79
98
118
µA
BSOC = 0V to Vcc - 1.0V, TA = -40°C to 85°C
76
98
122
µA
BSOC Maximum Offset Error
IBSOC_OFSET
Vcc = 2.9V and 5.6V TSAMPLE < 10µs
-±2
-
mV
Top Side OCP (TSOC) Current
Source
ITSOC
TSOC = 0.8V to 22V TA = 0°C to 70°C
92
100
112
µA
TSOC = 0.8V to 22V TA = -40°C to 85°C
92
100
115
ITSOC_LOW
TSOC = 0.3V to 0.8V
86
-
115
µA
TSOC Maximum Offset Error
ITSOC_OFSET
VCC = 2.9V and 5.5V TSAMPLE < 10µs
-±2
-
mV
POWER GOOD MONITOR
Undervoltage Rising Trip Point
VUVR
-7%
-9%
-11%
VSS
Undervoltage Falling Trip Point
VUVF
-13%
-15%
-17%
VSS
Overvoltage Rising Trip Point
VOVR
13%
15%
17%
VSS
Overvoltage Falling Trip Point
VOVF
7%
9%
11%
VSS
PGOOD Delay
TPGDLY
CPGDLY = 0.1µF-
5
-
ms
PGOOD Delay Source Current
IPGDLY
27
30
33
µA
PGOOD Delay Threshold Voltage
VPGDLY
1.44
1.48
1.56
V
PGOOD Low Output Voltage
IPG_LOW
IPGOOD = 5mA
-
-
0.200
V
Maximum Sinking Current
IPG_MAX
VPGOOD = 0.8V
10
-
-
mA
Maximum Open Drain Voltage
VPG_MAX
VCC = 3.3V
-6
-
V
MARGINING CONTROL
Minimum Margining Voltage of
Internal Reference
VMARG
RMARG = 10kΩ, ROFSN = 6.01kΩ,
MAR_CRTL = 0V
-185
-197
-208
mV
Maximum Margining Voltage of
Internal Reference
VMARG
RMARG = 10kΩ, ROFSP = 6.01kΩ,
MAR_CRTL = VCC
185
197
208
mV
Margining Transfer Ratio
NMARG
NMARG = (VOFSN-VOFSP)/VMARG
4.9
5
5.1
Positive Margining Threshold
MARGIN
-1.5
-
V
Negative Margining Threshold
MARGIN
-
0.8
-
V
Tri-state Input Level
MARGIN
Disable Mode
-
1.325
-
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL8118


Similar Part No. - ISL8118

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118 INTERSIL-ISL8118 Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
414Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8118CRZ INTERSIL-ISL8118CRZ Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118CRZ RENESAS-ISL8118CRZ Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
More results

Similar Description - ISL8118

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118IRZ-T INTERSIL-ISL8118IRZ-T Datasheet
414Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
651Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
ISL8121 INTERSIL-ISL8121 Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121 RENESAS-ISL8121 Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Intersil Corporation
ISL8106 INTERSIL-ISL8106 Datasheet
549Kb / 15P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8106 RENESAS-ISL8106 Datasheet
994Kb / 16P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com