Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7530N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7530N
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7530N Datasheet HTML 1Page - Fairchild Semiconductor FAN7530N Datasheet HTML 2Page - Fairchild Semiconductor FAN7530N Datasheet HTML 3Page - Fairchild Semiconductor FAN7530N Datasheet HTML 4Page - Fairchild Semiconductor FAN7530N Datasheet HTML 5Page - Fairchild Semiconductor FAN7530N Datasheet HTML 6Page - Fairchild Semiconductor FAN7530N Datasheet HTML 7Page - Fairchild Semiconductor FAN7530N Datasheet HTML 8Page - Fairchild Semiconductor FAN7530N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7530 Rev. 1.0.2
2
Typical Application Diagrams
Figure 1. Typical Boost PFC Application
Internal Block Diagram
Figure 2. Functional Block Diagram of FAN7530
GND
ZCD
INV
V
CC
AC
IN
V
O
COMP
FAN7530
CS
MOT
R1
R2
LD
N
AUX
V
AUX
R
ZCD
I2
I1
C
O
FAN7530 Rev. 00
INV
Error
Amplifier
V
ref1
OVP
COMP
8pF
40k
2.5V
Ref
Internal
Bias
150ms
Timer
V
CC
ZCD
CS
UVLO
6.7V
12V
8.5V
2.675V
2.5V
Current Protection
Comparator
1V Offset
MOT
GND
Saw Tooth
Generator
Zero Current
Detector
R
S
Q
2
6
4
5
3
1
8
V
ref1
Gm
0.8V
Disable
0.45V 0.35V
Disable
1.5V
1.4V
7
V
CC
OUT
Drive
Output
Ramp
Signal
1V~5V
Range
13V
FAN7530 Rev. 00


Similar Part No. - FAN7530N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530N FAIRCHILD-FAN7530N Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7530N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com