Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8172ISZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8172ISZ-T13
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8172ISZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8172ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 9Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 10Page - Intersil Corporation EL8172ISZ-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6293.1
March 9, 2006
Description of Operation and Application
Information
Product Description
The EL8171 and EL8172 are micropower instrumentation
amplifiers (in-amps) which deliver rail-to-rail input
amplification and rail-to-rail output swing on a single 2.4V to
5V supply. The EL8171 and EL8172 also deliver excellent
DC and AC specifications while consuming only 60µA typical
supply current. Because EL8171 and EL8172 provide an
independent pair of feedback terminals to set the gain and to
adjust the output level, these in-amps achieve high common-
mode rejection ratio regardless of the tolerance of the gain
setting resistors. The EL8171 is internally compensated for a
minimum closed loop gain of 10 or greater, well suited for
moderate to high gains. For higher gains, the EL8172 is
internally compensated for a minimum gain of 100. An
ENABLE pin is used to reduce power consumption, typically
2.9µA, while the instrumentation amplifier is disabled.
Input Protection
All input and feedback terminals of the EL8171 and EL8172
have internal ESD protection diodes to both positive and
negative supply rails, limiting the input voltage to within one
diode drop beyond the supply rails. If overdriving the inputs
is necessary, the external input current must never exceed
5mA. External series resistor may be used as a protection to
limit excessive external voltage and current from damaging
the inputs.
Input Stage and Input Voltage Range
The input terminals (IN+ and IN-) of the EL8171 and EL8172
are single differential pair P-MOSFET devices aided by an
Input Range Enhancement Circuit to increase the headroom
of operation of the common-mode input voltage. The
feedback terminals (FB+ and FB-) also have a similar
topology. As a result, the input common-mode voltage range
of both the EL8171 and EL8172 is rail-to-rail. These in-amps
are able to handle input voltages that are at or slightly
beyond the supply and ground making these in-amps well
suited for single 5V or 3.3V low voltage supply systems.
There is no need then to move the common-mode input of
the in-amps to achieve symmetrical input voltage.
Output Stage and Output Voltage Range
A pair of complementary MOSFET devices drives the output
VOUT to within a few mV of the supply rails. At a 100k
load, the PMOS sources current and pulls the output up to
4mV below the positive supply, while the NMOS sinks
current and pulls the output down to 4mV above the negative
supply, or ground in the case of a single supply operation.
The current sinking and sourcing capability of the EL8171
and EL8172 are internally limited to 29mA.
Gain Setting
VIN, the potential difference across IN+ and IN-, is replicated
(less the input offset voltage) across FB+ and FB-. The
obsession of the EL8171 and EL8172 in-amp is to maintain
the differential voltage across FB+ and FB- equal to IN+ and
IN-; (FB+ - FB-) = (IN+ - IN-). Consequently, the transfer
function can be derived. The gain of the EL8171 and EL8172
is set by two external resistors, the feedback resistor RF, and
the gain resistor RG.
In Figure 28, the FB+ pin and one end of resistor RG are
connected to GND. With this configuration, the above gain
equation is only true for a positive swing in VIN; negative
input swings will be ignored and the output will be at ground.
Reference Connection
Unlike a three-opamp instrumentation amplifier, a finite
series resistance seen at the REF terminal does not degrade
the EL8171 and EL8172's high CMRR performance
eliminating the need for an additional external buffer
amplifier. Circuit 2 (Figure 29) uses the FB+ pin to provide a
high impedance REF terminal.
1
2
3
8
5
4
7
6
+
-
+
-
IN+
IN-
FB+
FB-
VS+
VS-
EN
2.9V to 5V
RF
RG
VOUT
EN_BAR
EL8171/2
VCM
VIN/2
VIN/2
FIGURE 28. CIRCUIT 1 - GAIN IS BY EXTERNAL RESISTORS
RF AND RG
VOUT
1
RF
RG
--------
+



VIN
=
FIGURE 29. CIRCUIT 2 - GAIN SETTING AND REFERENCE
CONNECTION
1
2
3
8
5
4
7
6
+
-
+
-
IN+
IN-
FB+
FB-
VS+
VS-
EN
2.9V to 5V
RF
RG
VOUT
EN_BAR
EL8171/2
VCM
VIN/2
VIN/2
R1
R2
REF
2.9V to 5V
VOUT
1
RF
RG
--------
+



VIN
()
1
RF
RG
--------
+



VREF
()
+
=
EL8171, EL8172


Similar Part No. - EL8172ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8172 INTERSIL-EL8172 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172 INTERSIL-EL8172 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8172 RENESAS-EL8172 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8172ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com