Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28276IAZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28276IAZ
Description  Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276IAZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28276IAZ Datasheet HTML 4Page - Intersil Corporation ISL28276IAZ Datasheet HTML 5Page - Intersil Corporation ISL28276IAZ Datasheet HTML 6Page - Intersil Corporation ISL28276IAZ Datasheet HTML 7Page - Intersil Corporation ISL28276IAZ Datasheet HTML 8Page - Intersil Corporation ISL28276IAZ Datasheet HTML 9Page - Intersil Corporation ISL28276IAZ Datasheet HTML 10Page - Intersil Corporation ISL28276IAZ Datasheet HTML 11Page - Intersil Corporation ISL28276IAZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6301.0
June 23, 2006
Input Protection
All input terminals have internal ESD protection diodes to
both positive and negative supply rails, limiting the input
voltage to within one diode beyond the supply rails. The
ISL28276 has additional back-to-back diodes across the
input terminals. If overdriving the inputs is necessary, the
external input current must never exceed 5mA. External
series resistors may be used as an external protection to
limit excessive external voltage and current from damaging
the inputs.
Input Bias Current Compensation
The input bias currents of the ISL28276 are decimated down
to a typical of 500pA while maintaining an excellent
bandwidth for a micro-power operational amplifier. Inside the
ISL28276 is an input bias canceling circuit. The input stage
transistors are still biased with an adequate current for
speed but the canceling circuit sinks most of the base
current, leaving a small fraction as input bias current.
Rail-to-Rail Output
A pair of complementary MOSFET devices are used to
achieve the rail-to-rail output swing. The NMOS sinks
current to swing the output in the negative direction. The
PMOS sources current to swing the output in the positive
direction. The ISL28276 with a 100k
Ω load will swing to
within 3mV of the supply rails.
Enable/Disable Feature
The ISL28276 offers an EN pin that disables the device
when pulled up to at least 2.2V. In the disabled state (output
in a high impedance state), the part consumes typically 4µA.
By disabling the part, multiple ISL28276 parts can be
connected together as a MUX. The outputs are tied together
in parallel and a channel can be selected by the EN pin. The
EN pin also has an internal pull down. If left open, the EN pin
will pull to the negative rail and the device will be enabled by
default.
Proper Layout Maximizes Performance
To achieve the maximum performance of the high input
impedance and low offset voltage of the ISL28276, care
should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid
leakage currents between adjacent traces. Surface coating
of the circuit board will reduce surface moisture and provide
a humidity barrier, reducing parasitic resistance on the
board. When input leakage current is a concern, the use of
guard rings around the amplifier inputs will further reduce
leakage currents. Figure 39 shows a guard ring example for
a unity gain amplifier that uses the low impedance amplifier
output at the same voltage as the high impedance input to
eliminate surface leakage. The guard ring does not need to
be a specific width, but it should form a continuous loop
around both inputs. For further reduction of leakage
currents, components can be mounted to the PC board
using Teflon standoff insulators.
Example Application
Thermocouples are the most popular temperature-sensing
device because of their low cost, interchangeability, and
ability to measure a wide range of temperatures. The
ISL28276 (Figure 40) is used to convert the differential
thermocouple voltage into single-ended signal with 10X gain.
The ISL28276's rail-to-rail input characteristic allows the
thermocouple to be biased at ground and the converter to
run from a single 5V supply.
1/2 ISL28276
IN
V+
FIGURE 39. GUARD RING EXAMPLE FOR UNITY GAIN
AMPLIFIER
HIGH IMPEDANCE INPUT
-
+
5V
+
V+
V-
ISL28276
K TYPE
THERMOCOUPLE
10k
R3
10k
R2
R4
100k
R1
100k
410µV/°C
FIGURE 40. THERMOCOUPLE AMPLIFIER
ISL28276


Similar Part No. - ISL28276IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276IAZ RENESAS-ISL28276IAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28276IAZ-T7 INTERSIL-ISL28276IAZ-T7 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - ISL28276IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com