Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8172IS-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8172IS-T13
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8172IS-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL8172IS-T13 Datasheet HTML 1Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 2Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 3Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 4Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 5Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 6Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 7Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 8Page - Intersil Corporation EL8172IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6293.1
March 9, 2006
IS,EN
Supply Current, Enabled
40
60
78
µA
IS,DIS
Supply Current, Disabled
EN = VS+1.5
2.9
5
µA
VENH
Enable Pin for Shut-down
2
V
VENL
Enable Pin for Power-on
0.8
V
VS
Minimum Supply Voltage
2.2
2.4
V
IO
Output Current into 10
Ω to VS/2
VS = 5V
±18
±29
mA
VS = 2.9V
±4
±7.5
mA
Electrical Specifications
VS+ = +5V, VS- = GND, VCM = 1/2VS+ TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. EL8171 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
FIGURE 2. EL8172 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
FIGURE 3. EL8171 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 4. EL8172 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
0
10
20
30
40
FREQUENCY (Hz)
G=5
G=10
G=20
G=50
G=100
Vs=5V
1
10
100
1K
10K
100K
1M
20
30
40
50
60
70
FREQUENCY (Hz)
G=50
G=100
G=200
G=500
G=1000
Vs=5V
1
10
100
1K
10K
100K
1M
G=2000
100
10k
1k
100k
25
20
15
10
5
0
FREQUENCY (Hz)
AV=10
RL=10kΩ
CL=10pF
RF/RG=9.08Ω
RF=178kΩ
RG=19.6kΩ
1M
VS=±1.25V
VS=±2.5V
VS=±1V
100
10k
1k
100k
45
40
30
20
10
0
FREQUENCY (Hz)
1M
35
25
15
5
VS=±1.25V
VS=±1V
VS=±2.5V
AV=100
RL=10kΩ
CL=10pF
RF/RG=99.02Ω
RF=221kΩ
RG=2.23kΩ
EL8171, EL8172


Similar Part No. - EL8172IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8172 INTERSIL-EL8172 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172 INTERSIL-EL8172 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8172 RENESAS-EL8172 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8172IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com