Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8172IS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8172IS
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8172IS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8172IS Datasheet HTML 3Page - Intersil Corporation EL8172IS Datasheet HTML 4Page - Intersil Corporation EL8172IS Datasheet HTML 5Page - Intersil Corporation EL8172IS Datasheet HTML 6Page - Intersil Corporation EL8172IS Datasheet HTML 7Page - Intersil Corporation EL8172IS Datasheet HTML 8Page - Intersil Corporation EL8172IS Datasheet HTML 9Page - Intersil Corporation EL8172IS Datasheet HTML 10Page - Intersil Corporation EL8172IS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6293.1
March 9, 2006
FIGURE 23. EL8171 0.1Hz to 10Hz INPUT VOLTAGE NOISE
(GAIN = 10)
FIGURE 24. EL8172 0.1Hz to 10Hz INPUT VOLTAGE NOISE
(GAIN = 100)
FIGURE 25. EL8171 AND EL8172 SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
1s/DIV
1s/DIV
23.5
2.5
4.5
70
60
50
40
20
0
SUPPLY VOLTAGE (V)
5.5
30
10
4
35
909mW
θ
JA =
110
°C
/W
SO
8
1.4
1.2
1
0.8
0.6
0.2
0
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
625mW
θ
JA =1
60°
C/W
SO
8
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
EL8171, EL8172


Similar Part No. - EL8172IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8172 INTERSIL-EL8172 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172 INTERSIL-EL8172 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8172 RENESAS-EL8172 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8172FSZ INTERSIL-EL8172FSZ Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8172IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com