Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0620701Q3A Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962-0620701Q3A
Description  짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-0620701Q3A Datasheet(HTML) 6 Page - Intersil Corporation

  5962-0620701Q3A Datasheet HTML 1Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 2Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 3Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 4Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 5Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 6Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 7Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 8Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6297.0
May 31, 2006
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT =±12V, VCC = 0V or 3V to 3.6V
(ICL3232E,VCC = 0 only)
Automatic Power-down or FORCEOFF =GND
Full
-
-
±25
µA
MOUSE DRIVEABILITY (ICL3243 Only)
Transmitter Output Voltage
T1IN =T2IN =GND, T3IN =VCC, T3OUT Loaded with 3kW to
GND, T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5
-
-
V
TIMING CHARACTERISTICS
Maximum Data Rate
RL =3kW, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Transmitter Skew
tPHL - tPLH
Full
-
200
1000
ns
Receiver Skew
tPHL - tPLH
Full
-
100
1000
ns
Transition Region Slew Rate
VCC =3.3V,
RL = 3kW to 7kW,
Measured From 3V to -3V or -3V
to 3V
CL = 200pF to 2500pF
Full
4
8.0
30
V/
µs
CL = 200pF to 1000pF
Full
6
-
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model (MIL-STD 883 Method 3015)
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8
-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
All Other Pins
Human Body Model (MIL-STD 883 Method 3015)
25
-
±2
-
kV
Electrical Specifications ICL3221E, ICL3232E, ICL3243E Test Conditions: VCC = 3V to 3.6V, C1 - C4 = 0.1mF; Unless Otherwise
Specified. Typicals are at TA = 25°C, VCC = 3.3V (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
Electrical Specifications ICL3238E Test Conditions: VCC = 3V to 3.6V, C1 - C4 = 0.1µF, Unless Otherwise Specified. Typicals are at
TA = 25°C, VCC = 3.3V
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current, Automatic
Power-down
All RIN Open, FORCEON = GND, FORCEOFF = VCC
Full
-1
10
µA
Supply Current, Power-down
FORCEOFF = GND
Full
-1
10
µA
Supply Current, Power-up
All Outputs Unloaded, FORCEON = FORCEOFF = VCC
Full
-0.3
1.8
mA
LOGIC AND TRANSMITTER INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold Low
TIN, FORCEON, FORCEOFF Wake up Threshold
Full
--
0.8
V
Input Logic Threshold High
TIN, FORCEON, FORCEOFF Wake up Threshold
Full
2.0
-
-
V
Input Leakage Current
TIN, FORCEON, FORCEOFF, VIN = 0V or VCC (Note 4)
Full
-
±0.01
±10
µA
Output Leakage Current
FORCEOFF = GND
Full
-
±0.05
±10
µA
Output Voltage Low
IOUT = 1.0mA
Full
--
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VCC -0.6 VCC -0.1
-
V
RECEIVER INPUTS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
Full
0.8
1.5
-
V
Input Threshold High
Full
-1.8
2.4
V
Input Resistance
Full
357
k
5962-0620701Q3A, 5962-0620702Q3A, 5962-0620703Q2A, 5962-0620704Q2A


Similar Part No. - 5962-0620701Q3A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620705Q3A RENESAS-5962-0620705Q3A Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
5962-0620706Q3A INTERSIL-5962-0620706Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620706Q3A RENESAS-5962-0620706Q3A Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
More results

Similar Description - 5962-0620701Q3A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com