Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1005-QD-0N0T Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1005-QD-0N0T
Description  10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1005-QD-0N0T Datasheet(HTML) 2 Page - Mimix Broadband

  XU1005-QD-0N0T Datasheet HTML 1Page - Mimix Broadband XU1005-QD-0N0T Datasheet HTML 2Page - Mimix Broadband XU1005-QD-0N0T Datasheet HTML 3Page - Mimix Broadband XU1005-QD-0N0T Datasheet HTML 4Page - Mimix Broadband XU1005-QD-0N0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
10.0-18.0 GHz GaAsTransmitter
QFN, 7x7mm
Page 2 of 5
Transmitter Measurements
November 2006 - Rev 02-Nov-06
U1005-QD
XU1005-QD, Conversion Gain (dB)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, Image Rejection (dBc)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, P1dB Compression (dBm)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, LO Leakage at RF (dBm), LO = +4 dBm
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
8
131823
28
333843
48
LO (GHz)
X1LO
X2LO
X3LO


Similar Part No. - XU1005-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1005-QD-0N0T MIMIX-XU1005-QD-0N0T Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
More results

Similar Description - XU1005-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD_07 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-BD MIMIX-XU1005-BD Datasheet
363Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
14TX0614 MIMIX-14TX0614 Datasheet
174Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com