Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8171IS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8171IS
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8171IS Datasheet(HTML) 2 Page - Intersil Corporation

  EL8171IS Datasheet HTML 1Page - Intersil Corporation EL8171IS Datasheet HTML 2Page - Intersil Corporation EL8171IS Datasheet HTML 3Page - Intersil Corporation EL8171IS Datasheet HTML 4Page - Intersil Corporation EL8171IS Datasheet HTML 5Page - Intersil Corporation EL8171IS Datasheet HTML 6Page - Intersil Corporation EL8171IS Datasheet HTML 7Page - Intersil Corporation EL8171IS Datasheet HTML 8Page - Intersil Corporation EL8171IS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6293.1
March 9, 2006
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL8171IS
8171IS
-
8 Ld SO
MDP0027
EL8172IS
8172IS
-
8 Ld SO
MDP0027
EL8171IS-T7
8171IS
7”
8 Ld SO
MDP0027
EL8172IS-T7
8172IS
7”
8 Ld SO
MDP0027
EL8171IS-T13
8171IS
13”
8 Ld SO
MDP0027
EL8172IS-T13
8172IS
13”
8 Ld SO
MDP0027
EL8171ISZ
(See Note)
8171ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL8172ISZ
(See Note)
8172ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL8171ISZ-T7
(See Note)
8171ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL8172ISZ-T7
(See Note)
8172ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL8171ISZ-T13
(See Note)
8171ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL8172ISZ-T13
(See Note)
8172ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pin Description
EL8171/EL8172
PIN NAME
PIN FUNCTION
1
ENABLE
Active Low. When pulled up above 2V, the in-amp conserves 3µA disabled supply current and the output is
in a high impedance state. An internal pull down defines the ENABLE low when left floating.
2
IN-
Inverting (IN-) and non-inverting (IN+) high impedance input terminals. The input terminals are equivalent to
the gate of PMOS transistor.
3IN+
5
FB-
High impedance feedback terminals. The feedback terminals have a very similar equivalent circuit as the
input terminals. The negative feedback (FB-) pin connects to an external resistive network to set the gain of
the in-amp. The positive feedback (FB+) pin can be used to shift the DC level of the output or as an output
offset.
8FB+
7
VS+
Positive supply terminal.
4
VS-
Negative supply terminal.
6
VOUT
Output Voltage.
EL8171, EL8172


Similar Part No. - EL8171IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8171IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com