Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55020IRZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL55020IRZ-T13
Description  Wideband, Low Distortion, Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55020IRZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL55020IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL55020IRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6287.0
December 18, 2006
FIGURE 13. SMALL SIGNAL STEP RESPONSE
FIGURE 14. LARGE SIGNAL STEP RESPONSE
FIGURE 15. SMALL SIGNAL STEP RESPONSE - VCM TO
VOUT
FIGURE 16. LARGE SIGNAL STEP RESPONSE - VCM TO
VOUT
FIGURE 17. ENABLE TO OUTPUT DELAY
Typical Performance Curves (Continued)
-0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
AVS = 2.5
RL = 100Ω TO GND
VS = ±6V
-6
-4
-2
0
2
4
6
0
50
100
150
200
250
300
350
400
TIME (ns)
AVS = 2.5
RL = 100Ω TO GND
VS = ±6V
-0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
AVS = 2.5
RL = 100Ω TO GND
VS = ±6V
-4
-3
-2
-1
0
1
2
3
0
50
100
150
200
250
300
350
400
TIME (ns)
AVS = 2.5
RL = 100Ω TO GND
VS = ±6V
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
100
200
300
400
500
600
700
800
TIME (ns)
-1
0
1
2
3
4
5
6
AVS = 2.5
RL = 100Ω TO GND
VS = ±6V
V-ENABLE (V)
VOUT (V)
ISL55020


Similar Part No. - ISL55020IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55020IRZ-T13 RENESAS-ISL55020IRZ-T13 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results

Similar Description - ISL55020IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
THS4500-EP TI1-THS4500-EP_15 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4520 TI1-THS4520_14 Datasheet
2Mb / 37P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com