Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5570 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5570
Description  Brushless DC motor controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5570 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5570 Datasheet HTML 1Page - NXP Semiconductors SA5570 Datasheet HTML 2Page - NXP Semiconductors SA5570 Datasheet HTML 3Page - NXP Semiconductors SA5570 Datasheet HTML 4Page - NXP Semiconductors SA5570 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5570
Brushless DC motor controller
August 31, 1994
1155
TYPICAL PERFORMANCE CHARACTERISTICS
RT = 10k
RT = 20k
RT = 100K
RT = 5k
RT = 3k
RT = 2.49k
RT = 2k
RT = 1k
NE5570 Oscillator Frequency
vs Temperature
Oscillator Frequency
vs RT and CT
NE5570 Oscillator Frequency
vs Supply Voltage
NE5570 Oscillator Output
Pulse Width
NE5570 Op Amp Gain
vs Temperature
NE5570 Current Sense
Comparator Threshold
vs Temperature
ICC vs VCC
NE5570 Logic Threshold
Voltage vs Temperature
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
18.0
–60 –40 –20
0
20 40
60 80 100 120
TEMP (oC)
VCC = 12V
TA = 25
oC
101
100
10–1
10–2
10–3
10–4
10–2
10–1
100
101
102
103
OSCILLATOR FREQUENCY (kHz)
TA = 55
oC
TA = +25
oC
TA = +125
oC
5.000
.5000
/div
.0000
9.000
V1
.6000/div
(V)
15.00
VCC = (V)
2000
1900
1800
1700
1600
1500
1400
1300
1200
1100
1000
–60 –40 –20 0
20 40
60 80 100 120
TEMP (oC)
ON
OFF
VCC = 12V
100
80
60
40
20
0
–60 –40 –20 0
20 40
60 80 100 120
TEMP (oC)
VCC = +5V
–60–40 –20 0
20 40
60 80 100 120
TEMP (oC)
VCC = 12V
600
500
400
300
200
100
0
15
14
13
12
11
10
9
18
19
20
21
22
FREQUENCY (kHz)
TA = 25
oC
VCC = 12V
–60–40 –20 0
20 40
60 80 100 120
TEMP (oC)
800
700
600
500
400
300
200


Similar Part No. - SA5570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
   PULSE WIDTH MODULATION AMPLIFIER
logo
AUK corp
SA5511 AUK-SA5511 Datasheet
207Kb / 3P
   LED Lamp
SA5511 AUK-SA5511 Datasheet
181Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SA5511 KODENSHI-SA5511 Datasheet
253Kb / 3P
   LAMP LED
logo
AUK corp
SA5511B AUK-SA5511B Datasheet
207Kb / 3P
   LED Lamp
More results

Similar Description - SA5570

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com