Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7311N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7311N
Description  LCD Backlight Inverter Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7311N Datasheet HTML 1Page - Fairchild Semiconductor FAN7311N Datasheet HTML 2Page - Fairchild Semiconductor FAN7311N Datasheet HTML 3Page - Fairchild Semiconductor FAN7311N Datasheet HTML 4Page - Fairchild Semiconductor FAN7311N Datasheet HTML 5Page - Fairchild Semiconductor FAN7311N Datasheet HTML 6Page - Fairchild Semiconductor FAN7311N Datasheet HTML 7Page - Fairchild Semiconductor FAN7311N Datasheet HTML 8Page - Fairchild Semiconductor FAN7311N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
January 2007
FAN7311 Rev. 1.0.6
FAN7311
LCD Backlight Inverter Drive IC
Features
High-Efficiency Single-Stage Power Conversion
Wide Input Voltage Range: 5V to 25.5V
Backlight Lamp Ballast and Soft Dimming
Reduced Number of Required External Components
Precision Voltage Reference Trimmed to 2%
ZVS Full-Bridge Topology
Soft-Start Capability
PWM Control at Fixed Frequency
Analog and Burst Dimming Function
Programmable Striking Frequency
Open-Lamp Protection
Open-Lamp Regulation
20-Pin SSOP/SOIC/DIP
Applications
LCD TV
LCD Monitor
Description
The FAN7311 provides all the control functions for a
series parallel resonant converter as well as a pulse
width modulation (PWM) controller to develop a supply
voltage. Typical operating frequency range is between
30kHz and 250kHz, depending on the cold cathode fluo-
rescent lamp (CCFL) and the transformer's characteris-
tics. The FAN7311 uses a new patent-pending phase-
shift control.
Ordering Information
Protected by U.S. Patent: 5,652,479; 7,158,390.
20-SSOP
1
20-SOIC
20-DIP
1
1
Part Number
Package
Pb-Free
Operating Temperature Range Packing Method
FAN7311G
20-SSOP
Yes
-25°C to 85°C
Rail
FAN7311GX
20-SSOP
Yes
Tape & Reel
FAN7311M
20-SOIC
Yes
Rail
FAN7311MX
20-SOIC
Yes
Tape & Reel
FAN7311N
20-DIP
Yes
Rail


Similar Part No. - FAN7311N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311N FAIRCHILD-FAN7311N Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com