Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7311 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7311
Description  LCD Backlight Inverter Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7311 Datasheet HTML 1Page - Fairchild Semiconductor FAN7311 Datasheet HTML 2Page - Fairchild Semiconductor FAN7311 Datasheet HTML 3Page - Fairchild Semiconductor FAN7311 Datasheet HTML 4Page - Fairchild Semiconductor FAN7311 Datasheet HTML 5Page - Fairchild Semiconductor FAN7311 Datasheet HTML 6Page - Fairchild Semiconductor FAN7311 Datasheet HTML 7Page - Fairchild Semiconductor FAN7311 Datasheet HTML 8Page - Fairchild Semiconductor FAN7311 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311 Rev. 1.0.6
5
Electrical Characteristics
For typical values, TA=25°C and VIN=12V. For min. and max. values, TA is the operating ambient temperature range
with -25°C ≤ TA ≤ 85°C and 5V ≤ VIN ≤ 25.5V, unless otherwise specified. Specifications from -25°C to 85°C are guar-
anteed by design based on final characterization results.
Note:
3. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
REFERENCE SECTION (Recommend X7R Capacitor)
Δ
Vref
Line Regulation
5 ≤ VIN ≤ 25.5V
2
25
mV
V25
2.5V Regulation Voltage
2.45
2.50
2.55
V
OSCILLATOR SECTION (MAIN)
fosc
Oscillation Frequency
TA = 25°C, CT = 270pF,
RT = 18kΩ
110.4
115.0
119.6
kHz
CT = 270pF, RT = 18kΩ
108
115
122
Vcth
CT High Voltage
2.0
V
Vctl
CT Low Voltage
0.5
V
OSCILLATOR SECTION (BURST)
foscb
Oscillation Frequency
TA = 25°C, CTB = 10nF,
RT=18kΩ
209.25 225.00 240.75
Hz
CTB = 10nF, RT=18kΩ
206.25
225.00 241.75
Vbcth
BCT High Voltage
2
V
Vbctl
BCT Low Voltage
0.5
V
ERROR AMP SECTION
Av
Open Loop Gain(3)
80
dB
GBW
Unit Gain Bandwidth(3)
1.5
MHz
Veh
Feedback Output High Voltage
EA_IN = 0V
2.00
2.27
2.54
V
lsin
Output Sink Current
EA_OUT = 1.5V
-1
mA
lsur
Output Source Current
EA_OUT = 1.5V
1
mA
Iolr
EA_IN Driving Current on OLR
75
105
135
µA
Iburst
EA_IN Driving Current on Burst Dimming
61
85
109
µA
Vfbh
Feedback High Voltage on Burst Dimming R(EA_IN) = 60kΩ
Va+0.1 Va+0.4 Va+0.7
V
SOFT-START SECTION
ISS
Soft-Start Current
S_S=1V
4
6
8
µA
Vssh
Soft-Start Clamping Voltage(3)
4V
PROTECTION SECTION
Volp0
Open-Lamp Protection Voltage 0
Start at open lamp
2.2
2.5
2.8
V
Volp1
Open-Lamp Protection Voltage 1
Normal -> open lamp
1.3
1.5
1.7
V
Volr
Open-Lamp Regulation Voltage
1.75
2.00
2.25
V
Iolp
Open-Lamp Protection Charging Current
0.7
1.4
2.1
µA
UNDER-VOLTAGE LOCKOUT SECTION
Vth
Start Threshold Voltage
5
V
Ist
Startup Current
VIN = Vth-0.2
130
180
µA
Iop
Operating Supply Current
VIN = 12V
1.5
4.0
mA
Isb
Stand-by Current
VIN = 12V
200
370
µA


Similar Part No. - FAN7311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7311B FAIRCHILD-FAN7311B Datasheet
480Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311BM FAIRCHILD-FAN7311BM Datasheet
480Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311BMX FAIRCHILD-FAN7311BMX Datasheet
480Kb / 14P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com