Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008-QB-0L0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # XR1008-QB-0L0T
Description  35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1008-QB-0L0T Datasheet(HTML) 4 Page - Mimix Broadband

  XR1008-QB-0L0T Datasheet HTML 1Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 2Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 3Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 4Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 5Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 6Page - Mimix Broadband XR1008-QB-0L0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
35.0-45.0 GHz GaAs Receiver
QFN, 7x7 mm
Page 4 of 7
R1008-QB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 21-Mar-07
Recommended Layout
Active Bias Circuit
App Note [1] Biasing - Please refer to the functional block diagram and pin-out table for biasing information. The device is operated by
biasing VD=4.0V with ID=180 mA by adjusting the applied voltage on VG1. VG1 typically requires-0.5V to result in the drain current being
180mA. The nominal input impedance of this gate is 180?, so it should be noted that the nominal gate current will be 2.7mA.
Additionally, a fixed bias of VG2=-0.5V is required to bias the mixer and doubler. Adjusting VG2 above or below this value can adversely affect
conversion gain, image rejection and intercept point performance. It is recommended to use active biasing to keep the currents constant as
the RF power and temperature vary; this gives the most reproducible results. The diagram “Active Bias Circuit” demonstrates a possible
method for active biasing. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single
transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of
the pHEMT is controlled to maintain correct drain current and thus drain voltage. Typically the gate is protected with Silicon diodes to limit
the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive
drain supply
5.0V
4V, 180mA
-5.0V
4.0V
Vd
Vg1
MMBT3906
1
5k76
12k1
12k1
MMBT3904
1
5R62 (sense)
100n
100R
1k0
BAV99
3
100n
BAV99
3
10R


Similar Part No. - XR1008-QB-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB-0L0T MIMIX-XR1008-QB-0L0T Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
More results

Similar Description - XR1008-QB-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_08 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com