Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7640AILTZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7640AILTZ-T7
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7640AILTZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7640AILTZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7640AILTZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6270.0
May 15, 2006
Pin Descriptions
PIN NAME
EL7642A
EL7641A
EL7640A
PIN FUNCTION
SRC
1
1
1
Upper reference voltage for switch output
REF
2
2
2
Internal reference bypass terminal
AGND
3
3
3
Analog ground for boost converter and control circuitry
PGND
4
4
4
Power ground for boost switch
OUT1
5
5
5
Operational amplifier 1 output
NEG1
6
6
6
Operational amplifier 1 inverting input
POS1
7
7
7
Operational amplifier 1 non-inverting input
OUT2
8
8
-
Operational amplifier 2 output
NEG2
9
9
-
Operational amplifier 2 inverting input
POS2
10
10
-
Operational amplifier 2 non-inverting input
BGND
11
11
11
Operational amplifier ground
POS3
12
15
-
Operational amplifier 3 non-inverting input
NEG3
-
16
-
Operational amplifier 3 inverting input
OUT3
13
17
-
Operational amplifier 3 output
SUP
14
14
14
Amplifier positive supply rail. Bypass to BGND with 0.1µF capacitor
POS4
15
-
-
Operational amplifier 4 non-inverting input
NEG4
16
-
-
Operational amplifier 4 inverting input
OUT4
17
-
-
Operational amplifier 4 output
POS5
18
-
-
Operational amplifier 5 non-inverting input
NEG5
19
-
-
Operational amplifier 5 inverting input
OUT5
20
-
-
Operational amplifier 5 output
LX
21
21
21
Main boost regulator switch connection
IN
22
22
22
Main supply input; bypass to AGND with 1µF capacitor
FB
23
23
23
Main boost feedback voltage connection
COMP
24
24
24
Error amplifier compensation pin
FBP
25
25
25
Positive LDO feedback connection
DRVP
26
26
26
Positive LDO transistor drive
FBN
27
27
27
Negative LDO feedback connection
DRVN
28
28
28
Negative LDO transistor driver
DEL
29
29
29
Connection for switch delay timing capacitor
CTL
30
30
30
Input control for switch output
DRN
31
31
31
Lower reference voltage for switch output
COM
32
32
32
Switch output; when CTL = 1, COM is connected to SRC through a 15
resistor; when CTL = 0, COM is connected to DRN through a 30
Ω resistor
EL7640A, EL7641A, EL7642A


Similar Part No. - EL7640AILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7640AILTZ-T7 RENESAS-EL7640AILTZ-T7 Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7640AILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com