Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6520AIM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN6520AIM
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AIM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN6520AIM Datasheet HTML 1Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 2Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6520A Rev. 1.0.5
2
Pin Configuration
FAN6520AM 8-Pin SOIC Package
Pin Definitions
Pin #
Name
Description
1
BOOT
Bootstrap Supply Input. Provides a boosted voltage to the high-side MOSFET driver.
Connect to bootstrap capacitor, as shown in Figure 1.
2
HDRV
High-Side Gate-Drive Output. Connect to the gate of the high-side power MOSFET(s).
This pin is monitored by the adaptive shoot-through protection circuitry to determine when
the upper MOSFET has turned off.
3GND
Ground. The signal and power ground for the IC. Tie this pin to the ground island/plane
through the lowest impedance connection available. Connect directly to source of low-side
MOSFET(s).
4LDRV
Low-Side Gate-Drive Output. Connect to the gate of the low-side power MOSFET(s).
This pin is monitored by the adaptive shoot-through protection circuitry to determine when
the lower MOSFET has turned off.
5VCC
VCC. Provides bias power to the IC and the drive voltage for LDRV. Bypass with a ceramic
capacitor as close to this pin as possible.
6FB
Feedback. This pin is the inverting input of the internal error amplifier. Use this pin, in com-
bination with the COMP/OCSET pin, to compensate the voltage-control feedback loop of
the converter.
7COMP/
OCSET/SD
Compensation / Over-Current Set Point / Shut Down. This is a multiplexed pin. During
operation, the output of the error amplifier drives this pin. During a short period of time fol-
lowing power-on reset (POR), this pin is used to determine the over-current threshold of the
converter. Pulling COMP/OCSET to a level below 0.8V disables the controller. Disabling the
controller causes the oscillator to stop, the HDRV and LDRV outputs to be held low, and the
soft-start circuitry to restart.
8SW
Switch Node Input. The SW pin provides return for the high-side bootstrapped driver, is a
sense point for the adaptive shoot-through protection, and is used to monitor the drop
across the upper MOSFET’s RDS(ON) for current limit. Connect as shown in Figure 1.
FAN6520A
1
2
3
4
8
7
6
5
SW
COMP/OCSET/SD
FB
VCC
BOOT
HDRV
GND
LDRV


Similar Part No. - FAN6520AIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AIM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com