Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97634 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL97634
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL97634 Datasheet HTML 1Page - Intersil Corporation ISL97634 Datasheet HTML 2Page - Intersil Corporation ISL97634 Datasheet HTML 3Page - Intersil Corporation ISL97634 Datasheet HTML 4Page - Intersil Corporation ISL97634 Datasheet HTML 5Page - Intersil Corporation ISL97634 Datasheet HTML 6Page - Intersil Corporation ISL97634 Datasheet HTML 7Page - Intersil Corporation ISL97634 Datasheet HTML 8Page - Intersil Corporation ISL97634 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6264.2
April 10, 2007
Block Diagram
Pin Description
PIN
NUMBER
PIN
NAME
DESCRIPTION
1
GND
Ground Pin. Connect to local ground.
2
VIN
Input Supply Pin. Connect to the input supply voltage, the inductor and the input supply decoupling capacitor.
3
PWM/EN
PWM or Enable Pin. Connect external PWM signal allows pulse width modulation current operation. Enable
signal allows peak current operation or disable signal shuts down the device.
4
NC
No Connect
5
FB
Feedback Pin. Connect the sense resistor between FB and ground. The cathode of bottom LED can also
be connected at this pin if the output current is not to be PWMed.
6
FBSW
FB Disconnect Switch. Connect to the cathode of the bottom LED if the output current to be PWMed.
7
VOUT
Output Pin. Connect to the anode of the top LED and the output filter capacitor.
8
LX
Switching Pin. Connect to inductor.
FET
PWM LOGIC
CONTROLLER
GM
AMPLIFIER
95mV
GM AMP
COMPENSATION
PWM
COMPARATOR
VIN
PWM/EN
LX
GND
FB
RSET
COUT
L
VIN (2.4V to 5.5V)
2 LEDs to 6 LEDS
CIN
ISL97634
VOUT
BANDGAP
REFERENCE
GENERATOR
FBSW
PWM/EN
DRIVER
GM AMP
COMPENSATION
CURRENT
SENSE
1.4MHZ OSCILLATOR AND RAMP
GENERATOR
ISL97634


Similar Part No. - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
More results

Similar Description - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com