Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5331 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5331
Description  High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5331_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 9Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
Block Diagram
Figure 4. Block Diagram
Circuit Description
The FAN5331 is a pulse-width modulated (PWM) current-mode
boost converter. The FAN5331 improves the performance of bat-
tery powered equipment by significantly minimizing the spectral
distribution of noise at the input caused by the switching action of
the regulator. In order to facilitate effective noise filtering, the
switching frequency was chosen to be high, 1.6MHz. An internal
soft start circuitry minimizes in-rush currents. The timing of the soft
start circuit was chosen to reach 95% of the nominal output voltage
within maximum 5mS following an enable command when VIN =
2.7V, VOUT = 15V, ILOAD = 35mA and COUT (EFFECTIVE) = 3.2µF.
The device architecture is that of a current mode controller with
an internal sense resistor connected in series with the N-chan-
nel switch. The voltage at the feedback pin tracks the output
voltage at the cathode of the external Schottky diode (shown in
the test circuit). The error amplifier amplifies the difference
between the feedback voltage and the internal bandgap refer-
ence. The amplified error voltage serves as a reference voltage
to the PWM comparator. The inverting input of the PWM com-
parator consists of the sum of two components: the amplified
control signal received from the 50m
Ω current sense resistor
and the ramp generator voltage derived from the oscillator. The
oscillator sets the latch, and the latch turns on the FET switch.
Under normal operating conditions, the PWM comparator resets
the latch and turns off the FET, thus terminating the pulse.
Since the comparator input contains information about the out-
put voltage and the control loop is arranged to form a negative
feedback loop, the value of the peak inductor current will be
adjusted to maintain regulation.
Every time the latch is reset, the FET is turned off and the cur-
rent flow through the switch is terminated. The latch can be
reset by other events as well. Over-current condition is moni-
tored by the current limit comparator which resets the latch and
turns off the switch instantaneously within each clock cycle.
Over-Voltage Protection
The voltage on the feedback pin is sensed by an OVP Compar-
ator. When the feedback voltage is 15% higher than the nominal
voltage, the OVP Comparator stops switching of the power tran-
sistor, thus preventing the output voltage from going higher.
Applications Information
Setting the Output Voltage
The internal reference is 1.23V (Typical). The output voltage is
divided by a resistor divider, R1 and R2 to the FB pin. The out-
put voltage is given by
According to this equation, and assuming desired output volt-
age of 15V, good choices for the feedback resistors are,
R1=150kΩ and R2=13.4kΩ.
Inductor Selection
The inductor parameters directly related to device performances
are saturation current and dc resistance. The FAN5331 oper-
ates with a typical inductor value of 10µH. The lower the dc
resistance, the higher the efficiency. Usually a trade-off between
inductor size, cost and overall efficiency is needed to make the
optimum choice.
Reference
Oscillator
n
FB
FB
Driver
Over
Voltage
Comp
Comp
-
-
+
+
S
Ramp
Generator
R
R
R
Q
S
Current Limit
Comparator
0.05
1.15 x VREF
Shutdown
Circuitry
Thermal
Shutdown
SHDN
GND
SW
VIN
Amp
Error
Amp
45
1
2
3
+
+
-
-
+
-
Soft-Start
V
OUT
V
REF 1
R
1
R
2
-------
+


=


Similar Part No. - FAN5331_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331SX FAIRCHILD-FAN5331SX Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
More results

Similar Description - FAN5331_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com