Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5539F Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE5539F
Description  High frequency operational amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5539F Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE5539F Datasheet HTML 6Page - NXP Semiconductors SE5539F Datasheet HTML 7Page - NXP Semiconductors SE5539F Datasheet HTML 8Page - NXP Semiconductors SE5539F Datasheet HTML 9Page - NXP Semiconductors SE5539F Datasheet HTML 10Page - NXP Semiconductors SE5539F Datasheet HTML 11Page - NXP Semiconductors SE5539F Datasheet HTML 12Page - NXP Semiconductors SE5539F Datasheet HTML 13Page - NXP Semiconductors SE5539F Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product data
NE/SE5539
High frequency operational amplifier
2002 Jan 25
10
SL00579
Figure 10. Differential Gain +0.1o
ZIN = 500
820
220
2–10pF
+
1
+2V
–8V
470
8
NE5539
118
87
ZO = 50
14
1K
2K
CLEAD
≈ 1.5pF
SL00580
Figure 11. Non-Inverting Follower
+
1
+8V
–8V
470
8
NE5539
118
87
14
3.3pF
1K
320
2–20pF
50
1K
SL00581
Figure 12. Inverting Follower


Similar Part No. - SE5539F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5539F PHILIPS-SE5539F Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
More results

Similar Description - SE5539F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Hitachi Semiconductor
HA17741 HITACHI-HA17741 Datasheet
89Kb / 18P
   General-Purpose Operational Amplifier (Frequency Compensated)
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com