Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5560N Datasheet HTML 1Page - NXP Semiconductors NE5560N Datasheet HTML 2Page - NXP Semiconductors NE5560N Datasheet HTML 3Page - NXP Semiconductors NE5560N Datasheet HTML 4Page - NXP Semiconductors NE5560N Datasheet HTML 5Page - NXP Semiconductors NE5560N Datasheet HTML 6Page - NXP Semiconductors NE5560N Datasheet HTML 7Page - NXP Semiconductors NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
4
DC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
SE5560
NE5560
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Current limiting
IIN
Pin 11 Input current
Voltage at
Pin 11=250mV
-2
-20
-2
-20
µA
25
°C
Over temperature
-40
-40
µA
Single pulse inhibit delay
Inhibit delay time for 20%
overdrive at 40mA IOUT
0.7
0.8
0.7
0.8
µs
OC2
Trip Levels: Shut down, slow start,
low level
0.500
0.600
0.700
0.500
0.600
0.700
V
OC1
Current limit, high level
0.400
0.480
0.560
0.400
0.560
0.500
V
∆OC
Low Level in terms of high level,
OC2
0.750
0.800
0.850
0.750
0.800
0.850
V
Error amplifier
VOH
Output voltage swing
6.2
9.5
6.2
9.5
V
VOL
Output voltage swing
0.7
0.7
V
Open-loop gain
54
60
54
60
dB
RF
Feedback resistor
10k
10k
BW
Small-signal bandwidth
3
3
MHz
Output stage
VCE(SAT) IC=40mA
0.5
0.5
V
Output current (Pin 15)
40
40
mA
Max. emitter voltage (Pin 14)
5
6
5
6
V
Supply voltage/current1
ICC
Supply current
IZ=0, voltage-forced,
VCC=12V, 25°C
10
10
mA
Over temp.
15
15
mA
VCC
Supply voltage
ICC=10mA current-fed
20
23
19
24
V
VCC
Supply voltage
ICC=30mA current-fed
20
30
20
30
V
NOTES:
1. Does not include current for timing resistors or capacitors.


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com