Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 3 Page - NXP Semiconductors

  NE5560N Datasheet HTML 1Page - NXP Semiconductors NE5560N Datasheet HTML 2Page - NXP Semiconductors NE5560N Datasheet HTML 3Page - NXP Semiconductors NE5560N Datasheet HTML 4Page - NXP Semiconductors NE5560N Datasheet HTML 5Page - NXP Semiconductors NE5560N Datasheet HTML 6Page - NXP Semiconductors NE5560N Datasheet HTML 7Page - NXP Semiconductors NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
3
DC ELECTRICAL CHARACTERISTICS
TA=25°C, VCC=12V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE5560
NE5560
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Reference sections
VREF
Internal reference voltage
25
°C
3.69
3.72
3.81
3.57
3.72
3.95
V
Over temperature
3.65
3.85
3.53
4.00
V
Temperature coefficient of VREF
-100
-100
ppm/
°C
VZ
Internal Zener reference
IL=-7mA
7.8
8.4
8.8
7.8
8.4
8.8
V
Temperature coefficient of VZ
200
200
ppm/
°C
Oscillator section
Frequency range
Over temperature
50
100k
50
100k
Hz
Initial accuracy oscillator
R=5k
5
5
%
Duty cycle range
fO=20kHz
0
98
0
98
%
Modulator
Modulation input current
Voltage at Pin 5=2V Over
temperature
0.2
20
0.2
20
µA
Housekeeping function
IIN‘
Pin 6, input current
At 2V
IIN‘
Pin 6, input current
Over temperature
0.2
20
0.2
20
µA
Pin 6, duty cycle limit control
Pin 6, duty cycle limit control
For 50% max duty cycle
Pin 6, duty cycle limit control
15kHz to 50kHz/41% of VZ
40
50
60
40
50
60
% of duty
cycle
Pin 1, low supply voltage
protection thresholds
8
9.0
10.5
8
9.0
10.5
V
Pin 3, feedback loop protection trip
threshold
400
600
720
400
600
720
mV
At 2V
Pin 3, pull-up current
-7
-15
-35
-7
-15
-35
µA
Pin 13,
demagnetization/over-voltage
protection trip on threshold
Over temperature
470
600
720
470
600
720
mV
At 0.25V
IIN
Pin 13, input current
25
°C
-0.6
-10
-0.6
-10
µA
Over temperature
-20
-20
Pin 16, feed-forward duty cycle
control
Voltage at Pin 16=2VZ
30
40
50
30
40
50
% original
duty cycle
At 16V, VCC=18V
*Pin 16, feed-forward input current
25
°C
0.2
5
0.2
5
µA
Over temperature
10
10
µA
External synchronization
Pin 9 Off
0
0.8
0
0.8
V
On
2
VZ
2
VZ
V
Sink current
Voltage at Pin 9=0V, 25
°C
-65
-100
-65
-125
µA
Over temperature
-125
-125
µA
Remote
Pin 10 Off
0
0.8
0
0.8
V
On
2
VZ
2
VZ
V
At 0V
Sink current
25
°C
-85
-100
-85
-125
µA
Over temperature
-125
-125
µA


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com