Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29004IROZ-EVALZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL29004IROZ-EVALZ
Description  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004IROZ-EVALZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL29004IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29004IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6221.0
December 21, 2006
Absolute Maximum Ratings (TA = +25°C)
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . 3.6V
I2C Address Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 3.6
I2C Bus Pin Voltage (SCL, SDA) . . . . . . . . . . . . . . . . . -0.2V to 5.5V
I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA
Rext Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 3.6V
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -45°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ESD, Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
ESD, Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ 1% tolerance, unless otherwise specified, Internal Timing Mode
operation (See Principles of Operation).
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VDD
Power Supply Range
2.25
3.63
V
IDD
Supply Current
0.29
0.33
mA
IDD1
Supply Current Disabled
Software disabled
0.1
1
µA
FOSC1
Internal Oscillator Frequency
Gain/Range = 1 or 2
290
327
364
kHz
FOSC2
Internal Oscillator Frequency
Gain/Range = 3 or 4
580
655
728
kHz
FI2CI2C Clock Rate
(Note 2)
1
400
kHz
DATA0
Diode1 and Diode2 Dark ADC Code
E = 0Lux, Mode1, Gain/Range = 1
1
5
Counts
DATA1
Full Scale ADC Code
65535
Counts
DATA2
Diode1 ADC Code Gain/Range = 1
accuracy
Mode0
E = 300Lux, fluorescent light,
Gain/Range = 1
(Note 1)
13,800
20,200
24,400
Counts
DATA3
Diode2 ADC Code Gain/Range = 1
accuracy
Mode1
2,020
Counts
DATA4
Diode1 ADC Code Gain/Range = 2
accuracy
Mode0
E = 300Lux, fluorescent light,
Gain/Range = 2
(Note 1)
5,050
Counts
DATA5
Diode2 ADC Code Gain/Range = 2
accuracy
Mode1
505
Counts
DATA6
Diode1 ADC Code Gain/Range = 3
accuracy
Mode0
E = 300Lux, fluorescent light,
Gain/Range = 3
(Note 1)
1,262
Counts
DATA7
Diode2 ADC Code Gain/Range = 3
accuracy
Mode1
126
Counts
DATA8
Diode1 ADC Code Gain/Range = 4
accuracy
Mode0
E = 300Lux, fluorescent light,
Gain/Range = 4
(Note 1)
316
Counts
DATA9
Diode2 ADC Code Gain/Range = 4
accuracy
Mode1
32
Counts
VREF
Voltage of REXT Pin
500
mV
VTL
SCL, SDA, A0 and A1 Threshold LO
(Note 3)
1.05
V
VTH
SCL and SDA Threshold HI
(Note 3)
1.95
V
ISDA
SDA Current Sinking Capability
3
5
mA
IINT
INT Current Sinking Capability
3
5
mA
IIL
A0 and A1 Input Current LO
A0 = A1 = GND
0.1
µA
IIH
A0 and A1 Input Current HI
A0 = A1 = VDD
0.1
µA
NOTES:
1. Fluorescent light is substituted by a white LED during production.
2. Minimum I2C Clock Rate is guaranteed by design.
3. The voltage threshold levels of the SDA and SCL pins are VDD dependent: VTL = 0.35*VDD. VTH = 0.65*VDD.
ISL29004


Similar Part No. - ISL29004IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29004IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com