Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55009 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL55009
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55009 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL55009 Datasheet HTML 1Page - Intersil Corporation ISL55009 Datasheet HTML 2Page - Intersil Corporation ISL55009 Datasheet HTML 3Page - Intersil Corporation ISL55009 Datasheet HTML 4Page - Intersil Corporation ISL55009 Datasheet HTML 5Page - Intersil Corporation ISL55009 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISL55009
2
FN6216.0
May 22, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Device Test Setup
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V
Power Dissipation . . . . . . . . . . . . See Packging Information Section
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 3000V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . . 300V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VSP = +3.3V, Zrsc = Zload = 50
Ω, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Gt
Small Signal Gain
1.0GHz
14.8
15.8
16.8
dB
1.5GHz
14.6
15.6
16.6
dB
2.0GHz
14.3
15.3
16.3
dB
P1dB
Output Power at 1dB Compression
1.0GHz
-0.4
1.1
2.6
dBm
2.0GHz
-0.7
0.8
2.3
dBm
OIP3
Output Third Order Intercept Point
1.0GHz
10.6
dBm
2.0GHz
10.0
dBm
BW
3dB Bandwidth
3dB below Gain @ 500MHz
3.2
GHz
IRL
Input Return Loss
1.0GHz Zrsc = 75
Ω, Zload = 50Ω
11.1
dB
ORL
Output Return Loss
1.0GHz Zrsc = 75
Ω, Zload = 50Ω
13.6
dB
RISOL
Reverse Isolation
2.0GHz
21.0
dB
NF
Noise Figure
2.0GHz
3.7
dB
ID
Device Operating Current
11.5
13.7
15.5
mA
50
50
50
50
3.3V
VNA
DC BLOCK
DUT
BIAS TEE
3.3V
POWER
SUPPLY
PICOSECOND LABS
MODEL 5508-110
PICOSECOND LABS
MODEL 5542
CONNECTORLESS
PLATFORM
Agilent _8753ES
INPUT
REFERENCE
PLANE
OUTPUT
REFERENCE
PLANE
I1
I2
IDEVICE
PIN 3
PIN 6


Similar Part No. - ISL55009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55009 RENESAS-ISL55009 Datasheet
340Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009IEZ-T7 RENESAS-ISL55009IEZ-T7 Datasheet
340Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Similar Description - ISL55009

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com