Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81334IAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL81334IAZ
Description  짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81334IAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL81334IAZ Datasheet HTML 1Page - Intersil Corporation ISL81334IAZ Datasheet HTML 2Page - Intersil Corporation ISL81334IAZ Datasheet HTML 3Page - Intersil Corporation ISL81334IAZ Datasheet HTML 4Page - Intersil Corporation ISL81334IAZ Datasheet HTML 5Page - Intersil Corporation ISL81334IAZ Datasheet HTML 6Page - Intersil Corporation ISL81334IAZ Datasheet HTML 7Page - Intersil Corporation ISL81334IAZ Datasheet HTML 8Page - Intersil Corporation ISL81334IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN6202.1
December 20, 2005
Ordering Information
PART NUMBER (NOTE)
PART MARKING
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL81334IAZ
81334IAZ
-40 to 85
28 Ld SSOP
M28.209
ISL81334IAZ-T
81334IAZ
-40 to 85
28 Ld SSOP Tape and Reel
M28.209
ISL81334IBZ
ISL81334IBZ
-40 to 85
28 Ld SOIC
M28.3
ISL81334IBZ-T
ISL81334IBZ
-40 to 85
28 Ld SOIC Tape and Reel
M28.3
ISL41334IRZ
41334IRZ
-40 to 85
40 Ld QFN
L40.6x6
ISL41334IRZ-T
41334IRZ
-40 to 85
40 Ld QFN Tape and Reel
L40.6x6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL81334 (SOIC, SSOP)
TOP VIEW
ISL41334 (QFN)
TOP VIEW
C1+
C1-
V+
A1
B1
Y1
Z1
SEL1
SEL2
Z2
Y2
B2
A2
GND
C2+
VCC
RB1
RA1
DZ1/DE1
LB
DY2
DZ2/DE2
RA2
RB2
V-
C2-
DY1
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
RB1
RA1
DZ1/DE1
DY1
LB
DZ2/DE2
RA2
V+
A1
B1
Y1
Z1
SEL1
SEL2
Z2
Y2
B2
ON/OFF
RB2
DY2
ISL81334, ISL41334


Similar Part No. - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL81334IAZ RENESAS-ISL81334IAZ Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Similar Description - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81334 RENESAS-ISL81334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com