Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1655 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN1655
Description  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1655_06 Datasheet HTML 1Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 2Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 3Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 4Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 5Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 6Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 7Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 8Page - Fairchild Semiconductor FAN1655_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
January 2006
FAN1655 Rev. 1.1.5
FAN1655
3A DDR Bus Termination Regulator
Description
The
FAN1655
is
a
low-cost
bi-directional
LDO
specifically designed for terminating DDR memory bus. It
can both sink and source up to 2.1A continuous, 3A
peak, providing enough current for most DDR appli-
cations. Load regulation meets the JEDEC spec, VTT =
VREFOUT ± 40mV.
The FAN1655 includes a buffered reference voltage
capable of supplying up to 5mA current. On-chip thermal
limiting provides protection against a combination of
power overload and ambient temperature that would
create an excessive junction temperature. A shutdown
input puts the FAN1655 into a low power mode.
The FAN1655 regulator is available in a power-enhanced
eTSSOP™-16, standard SOIC-14, and an 8-Lead MLP
package.
Features
Sinks and sources 2.1A continuous, 3A peak
0 to +125°C operating temperature range
5mA Buffered VREFOUT = VDDQ/2
Load regulation: VTT = VREFOUT ± 40mV
On-chip thermal limiting
Low Cost SO-14, Power-Enhanced eTSSOP or
8-pin 5x6mm MLP packages
Low-Current Shutdown Mode
Output Short Circuit Protection
Applications
DDR Terminator VTT supply
Ordering Information
Block Diagram
Part Number
Temperature Range
Package
Packing
FAN1655M
0°C to 125°C
SOIC-14
Rails
FAN1655MX
0°C to 125°C
SOIC-14
Tape and Reel
FAN1655MTF
0°C to 125°C
eTSSOP-16
Rails
FAN1655MTFX
0°C to 125°C
eTSSOP-16
Tape and Reel
FAN1655MPX
0°C to 125°C
MLP-8
Tape and Reel
VSS
VSS
VSS
+
VTTSENSE
VTTFORCE
VTTFORCE
+
VDD
VDD
VDD
SHDN
VDDQ
200k
200k
FAN1655
VSSQ
VREFIN
VREFOUT


Similar Part No. - FAN1655_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTF FAIRCHILD-FAN1655MTF Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTFX FAIRCHILD-FAN1655MTFX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MX FAIRCHILD-FAN1655MX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1655_06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com