Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5534 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE5534
Description  Dual and single low noise op amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5534 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE5534 Datasheet HTML 1Page - NXP Semiconductors NE5534 Datasheet HTML 2Page - NXP Semiconductors NE5534 Datasheet HTML 3Page - NXP Semiconductors NE5534 Datasheet HTML 4Page - NXP Semiconductors NE5534 Datasheet HTML 5Page - NXP Semiconductors NE5534 Datasheet HTML 6Page - NXP Semiconductors NE5534 Datasheet HTML 7Page - NXP Semiconductors NE5534 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE5533/5533A/
NE/SA/SE5534/5534A
Dual and single low noise op amp
114
August 31, 1994
853-0222 13721
DESCRIPTION
The 5533/5534 are dual and single high-performance low noise
operational amplifiers. Compared to other operational amplifiers,
such as TL083, they show better noise performance, improved
output drive capability and considerably higher small-signal and
power bandwidths.
This makes the devices especially suitable for application in high
quality and professional audio equipment, in instrumentation and
control circuits and telephone channel amplifiers. The op amps are
internally compensated for gain equal to, or higher than, three. The
frequency response can be optimized with an external
compensation capacitor for various applications (unity gain amplifier,
capacitive load, slew rate, low overshoot, etc.) If very low noise is of
prime importance, it is recommended that the 5533A/5534A version
be used which has guaranteed noise specifications.
FEATURES
Small-signal bandwidth: 10MHz
Output drive capability: 600Ω, 10V
RMS at VS=±18V
Input noise voltage: 4nV Hz
DC voltage gain: 100000
AC voltage gain: 6000 at 10kHz
Power bandwidth: 200kHz
Slew rate: 13V/µs
Large supply voltage range: ±3 to ±20V
PIN CONFIGURATIONS
8
7
6
5
4
3
2
1
BALANCE/ COMPENSATION
V+
OUTPUT
COMPENSATION
BALANCE
INVERTING INPUT
NON-INVERTING
V-
NE/SA/SE5534/5534A
D, FE, N Packages
1
2
3
4
5
6
7
8
9
10
11
12
14
13
NE5533/5533A
N Package
INV INPUT A
NON–INV INPUT A
BALANCE A
V–
BALANCE B
NON–INV B
INV B
BAL COMP A
COMP A
OUTPUT A
V+
OUTPUT B
COMP B
BAL COMP B
TOP VIEW
TOP VIEW
APPLICATIONS
Audio equipment
Instrumentation and control circuits
Telephone channel amplifiers
Medical equipment
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5533N
0405B
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5533AN
0405B
8-Pin Plastic Small Outline (SO) package
0 to +70
°C
NE5534D
0174C
8-Pin Hermetic Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
NE5534FE
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5534N
0404B
8-Pin Plastic Small Outline (SO) package
0 to +70
°C
NE5534AD
0174C
8-Pin Hermetic Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
NE5534AF
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5534AN
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA5534N
0404B
8-Pin Plastic Small Outline (SO) package
-40
°C to +85°C
SA5534AD
0174C
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE5534N
0404B
8-Pin Hermetic Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE5534AF
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE5534AN
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA5534AN
0404B


Similar Part No. - NE5534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
More results

Similar Description - NE5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
logo
AUK corp
S4558P AUK-S4558P Datasheet
240Kb / 3P
   Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
   Low Noise Single OP AMP
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
National Semiconductor ...
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
   Low Noise, Low Vos, Single Op Amp
logo
Analog Devices
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com