Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1582D15X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN1582D15X
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582D15X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1582D15X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 9Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 10Page - Fairchild Semiconductor FAN1582D15X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRODUCT SPECIFICATION
FAN1582
REV. 1.1.3 11/9/03
7
The current out of the adjust pin adds to the current from R1
and is typically 50µA. Its output voltage contribution is
small and only needs consideration when a very precise out-
put voltage setting is required.
Figure 2. Basic Regulator Circuit
Load Regulation
The FAN1582 family provides true remote sensing, eliminat-
ing output voltage errors due to trace resistance. To utilize
remote sensing, connect the VSENSE pin directly to the
load, rather than at the VOUT pin. If the load is more than 1"
away from the FAN1582, it may be necessary to increase the
load capacitance to ensure stability.
Thermal Considerations
The FAN1582 series protect themselves under overload con-
ditions with internal power and thermal limiting circuitry.
However, for normal continuous load conditions, do not exceed
maximum junction temperature ratings. It is important to
consider all sources of thermal resistance from junction-to-
ambient. These sources include the junction-to-case resistance,
the case-to-heat sink interface resistance, and the heat sink
resistance. Thermal resistance specifications have been
developed to more accurately reflect device temperature and
ensure safe operating temperatures. The electrical character-
istics section provides a separate thermal resistance and
maximum junction temperature for both the control circuitry
and the power transistor. Calculate the maximum junction
temperature for both sections to ensure that both thermal
limits are met.
For example, look at using an FAN1582M-1.5 to generate
3A @ 1.5V ± 2% from a 3.3V source (3.2V to 3.6V).
Assumptions:
•Vin = 3.6V worst case
•VOUT = 1.47V worst case
•IOUT = 3A continuous
•TA = 70°C
Θ Case-to-Ambient = 5°C/W (assuming both a heatsink and a
thermally conductive material)
The power dissipation in this application is:
PD = (VIN - VOUT) * (IOUT) = (3.6-1.47) * (3) = 6.39W
From the specification table,
TJ = TA + (PD) * (Θ Case-to-Ambient + ΘJC)
= 70 + (6.39) * (5 + 3) = 121°C
The junction temperature is below the maximum rating.
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This
is the lowest resistance path for heat flow. Proper mounting
ensures the best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive material at the
case-to-heat sink interface is recommended. Use a thermally
conductive spacer if the case of the device must be electri-
cally isolated and include its contribution to the total thermal
resistance.
C2
22
µF
VIN
VOUT
VREF
C1
10
µF
Vcntl
+
+
Vcntl
Vsense
Vin
Adj Vout
FAN1582
R1
R2
IADJ
50
µA
VOUT = VREF (1+R2/R1) + IADJ (R2)
Figure 3. Application Circuit (FAN1582)
100
µF
C2
10
µF
C3
VCNTL = 5V
2.1V at 3A
VIN = 3.3V
+
10
µFC1
1
µF
C4
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1582
86.6
124
R2
R1
U1


Similar Part No. - FAN1582D15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1582D15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com