Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1582_0311 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN1582_0311
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582_0311 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN1582_0311 Datasheet HTML 1Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 2Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 3Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 4Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 5Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 6Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 7Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 8Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FAN1582
PRODUCT SPECIFICATION
4
REV. 1.1.3 11/9/03
Typical Perfomance Characteristics
T=0
°C
T=25
°C
T=125
°C
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
01
2
4
OUTPUT CURRENT (A)
Dropout Voltage vs. Output Current
Load Regulation vs. Temperature
Reference Voltage vs. Temperature
Output Voltage vs. Temperature
Mimimum Load Current vs. Temperature
Adjust Pin Current vs. Temperature
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50
-25
25
50
75
100
125
150
0
JUNCTION TEMPERATURE (
°C)
TJ (
°C)
∆Ι=3A
1.30
1.28
1.26
1.24
1.22
1.20
2.60
2.35
2.10
1.85
1.60
1.35
1.10
70
60
50
40
30
20
10
0
-75 -50 -25
0
25
50
75
100 125
150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75
100
125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50
-25
0
25
50
75
100 125 150 175
TJ (
°C)
-75 -50
-25
0
25
50
75
100 125 150 175
1.5V
2.5V
10
8
6
4
2
0


Similar Part No. - FAN1582_0311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D25X FAIRCHILD-FAN1582D25X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1582_0311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com