Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NE555 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. NE555
Description  Timer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE555/SE555C
Timer
August 31, 1994
351
TYPICAL APPLICATIONS
OUTPUT
FLIP
FLOP
COMP
COMP
f
+
1.49
(R
A )
2R
B
)C
555 OR 1/2 556
DISCHARGE
CONTROL
VOLTAGE
THRESHOLD
TRIGGER
RESET
OUTPUT
R
R
C
RB
RA
R
5
6
2
4
3
8
7
.01
µF
VCC
OUTPUT
FLIP
FLOP
COMP
COMP
555 OR 1/2 556
DISCHARGE
CONTROL
VOLTAGE
THRESHOLD
TRIGGER
RESET
OUTPUT
R
R
RA
R
5
6
2
4
3
8
7
.01
µF
VCC
∆T = 1.1RC
C
*
1
3
V
CC
|
∆t |
Astable Operation
Monostable Operation




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM555Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
80C55080C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless 8 channel 8 bit A/D watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
ST52T4008-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM Analog Comparator Triac/PWM Timer WDG 1 2 3 4 5 MoreSTMicroelectronics
ST7263LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY up to 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I2C 1 2 3 4 5 MoreSTMicroelectronics
SN288371/2-INCH PAL TIMER 1 2 3 4 5 MoreTexas Instruments
TA8006SN5V VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreToshiba Semiconductor
TD6347SCONVENTIONAL TIMER 1 2 3 4 5 MoreToshiba Semiconductor
S3C72E8The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers. 1 2 3 4 5 MoreSamsung semiconductor
ALD1502SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER 1 2 3 4 Advanced Linear Devices
CAT25CXXXSupervisory Circuits with SPI Serial E2PROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl