Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NE555 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. NE555
Description  Timer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE555/SE555C
Timer
August 31, 1994
350
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Pulse Width
Required for Triggering
Supply Current
vs Supply Voltage
Low Output Voltage
vs Output Sink Current
Low Output Voltage
vs Output Sink Current
Low Output Voltage
vs Output Sink Current
Delay Time
vs Temperature
Delay Time
vs Supply Voltage
Propagation Delay vs Voltage
Level of Trigger Pulse
High Output Voltage Drop
vs Output Source Current
LOWEST VOLTAGE LEVEL OF TRIGGER PULSE
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4 (XVCC)
-55oC
0oC
+25oC
+70oC
+125oC
10.0
8.0
6.0
4.0
2.0
0
5.0
10.0
15.0
SUPPLY VOLTAGE – VOLTS
1.015
1.010
1.005
1.000
0.995
0.990
0.985
-50
-25
0
+25 +50
+75 +100 +125
TEMPERATURE – oC
10
1.0
0.1
0.001
1.0
2.0
5.0
10
20
50
100
10
1.0
0.1
0.01
1.0
2.0
5.0
10
20
50
100
10
1.0
0.1
0.01
1.0
2.0
5.0
10
20
50
100
1.0
2.0
5.0
10
20
50
100
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.015
1.010
1.005
1.000
0.995
0.990
0.985
0
5
10
15
20
0
0.1
0.2
0.3
0.4
300
250
200
150
100
50
0
ISINK – mA
ISINK – mA
ISINK – mA
ISOURCE – mA
SUPPLY VOLTAGE – V
LOWEST VOLTAGE LEVEL
OF TRIGGER PULSE – XVCC
+125oC
+25oC
-55oC
VCC = 5V
VCC = 10V
VCC = 15V
-55oC
+25oC
+25oC
-55oC
+25oC
+25oC
+25oC
+25oC
-55oC
-55oC
55oC
+25oC
+25oC
–55oC
+25oC
+125oC
5V
≤ VCC ≤ 15V
-55oC
0oC
+25oC
+70oC
+25oC




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM555Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
80C55080C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless 8 channel 8 bit A/D watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
ST52T4008-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM Analog Comparator Triac/PWM Timer WDG 1 2 3 4 5 MoreSTMicroelectronics
ST7263LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY up to 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I2C 1 2 3 4 5 MoreSTMicroelectronics
SN288371/2-INCH PAL TIMER 1 2 3 4 5 MoreTI store
TA8006SN5V VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreToshiba Semiconductor
TD6347SCONVENTIONAL TIMER 1 2 3 4 5 MoreToshiba Semiconductor
S3C72E8The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers. 1 2 3 4 5 MoreSamsung semiconductor
ALD1502SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER 1 2 3 4 Advanced Linear Devices
CAT25CXXXSupervisory Circuits with SPI Serial E2PROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl