Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59114 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59114
Description  YC (S-video) to Composite Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59114 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59114 Datasheet HTML 1Page - Intersil Corporation ISL59114 Datasheet HTML 2Page - Intersil Corporation ISL59114 Datasheet HTML 3Page - Intersil Corporation ISL59114 Datasheet HTML 4Page - Intersil Corporation ISL59114 Datasheet HTML 5Page - Intersil Corporation ISL59114 Datasheet HTML 6Page - Intersil Corporation ISL59114 Datasheet HTML 7Page - Intersil Corporation ISL59114 Datasheet HTML 8Page - Intersil Corporation ISL59114 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6184.2
September 21, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage from VDD to GND . . . . . . . . . . . . . . . . . . . . . . . 4.2V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VDD +0.3V to GND -0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = 3.3V, TA = +25°C, RL = 150Ω to GND, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VDD
Supply Voltage Range
2.5
3.6
V
IDD_CY
Quiescent Supply Current - CY Amps
Enabled
VIN = 500mV, ENCY = VDD, ENCVBS = GND,
no load
3.1
4.0
mA
IDD
Quiescent Supply Current
VIN = 500mV, ENCY = ENCVBS = VDD,
no load
4.5
6.0
mA
IDD_OFF
Shutdown Supply Current
ENCY = ENCVBS = 0V
0.1
0.5
µA
VY_CLAMP
Y Input Clamp Voltage
IY = -100µA
-30
-15
10
mV
IY_DOWN
Y input Clamp Discharge Current
VY = 0.5V
0.6
1
1.6
µA
IY_UP
Y Input Clamp Charge Current
VY = -0.1V
-3.4
-3.0
mA
RY
Y Input Resistance
0.5V < VY < 1V
10
M
VC_CLAMP
C Input Clamp Voltage
VY = 0.05V, IC = 0A
500
550
700
mV
RC
C Input Resistance
VY = 0.05V, 0.25V < VC < 0.75V
2.0
2.5
3.0
k
IC
C Input Bias Current
VY = 0.3V
-200
-2
200
nA
VY_SYNC
Y Input Sync Detect Voltage
100
150
200
mV
VOLS
Output Level Shift Voltage
VIN = 0V, no load
60
130
200
mV
AV_CY
Voltage Gain, C-Y channel
RL = 150Ω
1.95
1.99
2.04
V/V
AV_CVBS
Voltage Gain, CVBS channel
RL = 150Ω
1.93
1.98
2.04
V/V
A
V_CY
C-to-Y Channel Gain Mismatch
-1.75
±0.5
1.75
%
A
V_CVBS
C/Y-to-CVBS Channel Gain Mismatch
-3
±0.7
3
%
PSRR_CY
DC Power Supply Rejection
VDD = 2.5V to 3.6V
40
60
dB
PSRR_CVBS
DC Power Supply Rejection
VDD = 2.5V to 3.6V
25
35
dB
VOH
Output Voltage High Swing
VIN = 2V, RL = 150Ω to GND
2.85
3.2
V
ISC
Output Short-Circuit Current
VIN = 2V, to GND through 10Ω
100
145
mA
IENABLE
ENCY, ENCVBS Input Current
0V < VEN < 3.3V
-0.2
0.001
+0.2
µA
VIL
Disable Threshold
0.8
V
VIH
Enable Threshold
2.0
V
ROUT
Shutdown Output Impedance
EN = 0V, DC
5.0
7.5
k
EN = 0V, f = 4.5MHz
3.4
k
ISL59114


Similar Part No. - ISL59114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59114 RENESAS-ISL59114 Datasheet
606Kb / 10P
   YC (S-video) to Composite Video Driver with LPF
ISL59114IRUZ-T7 RENESAS-ISL59114IRUZ-T7 Datasheet
606Kb / 10P
   YC (S-video) to Composite Video Driver with LPF
More results

Similar Description - ISL59114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59114 RENESAS-ISL59114 Datasheet
606Kb / 10P
   YC (S-video) to Composite Video Driver with LPF
logo
Intersil Corporation
ISL59116 INTERSIL-ISL59116 Datasheet
371Kb / 10P
   YC to Composite Video Driver with LPF
logo
Renesas Technology Corp
ISL59116 RENESAS-ISL59116 Datasheet
630Kb / 10P
   YC to Composite Video Driver with LPF
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59115 INTERSIL-ISL59115 Datasheet
328Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59123 INTERSIL-ISL59123 Datasheet
497Kb / 10P
   Triple Channel Video Driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com