Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL51002CQZ-165 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL51002CQZ-165
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002CQZ-165 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL51002CQZ-165 Datasheet HTML 1Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 2Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 3Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 4Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 5Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 6Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 7Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 8Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
December 22, 2006
Full Power Bandwidth
Programmable
10 to 450
MHz
SOG INPUT CHARACTERISTICS (SOGIN0-3)
Sync Tip Clamp
600
mV
SOG Pull Down
1µA
VIH/VIL
Input Threshold Voltage
(relative to bottom of sync tip)
Programmable - See Register Listing
for Details
0 to 0.3
V
Input Capacitance
5
pF
HSYNC INPUT CHARACTERISTICS (HSYNCIN0-3)
VIH/VIL
Input Threshold Voltage
Programmable - See Register Listing
for Details
0.4 to 3.2
V
Hysteresis
Centered around threshold voltage
240
mV
I
Input Leakage Current (Note 1)
±10
nA
CIN
Input Capacitance
5
pF
DIGITAL INPUT CHARACTERISTICS (ALL DIGITAL INPUT PINS EXCEPT SCL, VSYNCIN0-3)
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
I
Input Leakage Current (Note 1)
RESET has a 65k
Ω pullup to VD3.3
±10
nA
CIN
Input Capacitance
5
pF
SCHMITT DIGITAL INPUT CHARACTERISTICS (SCL, VSYNCIN0-3)
VT+
Low To High Threshold Voltage
1.45
V
VT-
High To Low Threshold Voltage
0.95
V
I
Input Leakage Current (Note 1)
±10
nA
CIN
Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS (ALL OUTPUT PINS EXCEPT INT AND SDA)
VOH
Output HIGH Voltage, IO = 8mA
2.4
V
VOL
Output LOW Voltage, IO = -8mA
0.4
V
DIGITAL OUTPUT CHARACTERISTICS (INT)
VOL
Output LOW Voltage, IO = -8mA Open-drain,
with 65k
Ω pull-up to VD3.3
0.4
V
DIGITAL OUTPUT CHARACTERISTICS (SDA)
VOL
Output LOW Voltage, IO = -4mA Open-drain
0.4
V
POWER SUPPLY REQUIREMENTS
VA3.3
Analog Supply Voltage, 3.3V
Includes VPLLA3.3
3.0
3.3
3.6
V
VA1.8
Analog Supply Voltage, 1.8V
1.65
1.8
2.0
V
VD3.3
Digital Supply Voltage, 3.3V
3.0
3.3
3.6
V
VD1.8
Digital Supply Voltage, 1.8V
Includes VADCD1.8, VPLLD1.8
1.65
1.8
2.0
V
IA3.3
Analog Supply Current, 3.3V
(Note 1)
45
90
mA
IPLLA3.3
14
25
mA
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +25°C, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
TYP
MAX
UNITS
ISL51002


Similar Part No. - ISL51002CQZ-165

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL51002CQZ-165 INTERSIL-ISL51002CQZ-165 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-165 INTERSIL-ISL51002CQZ-165 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Renesas Technology Corp
ISL51002CQZ-165 RENESAS-ISL51002CQZ-165 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Similar Description - ISL51002CQZ-165

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com