Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5521D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE5521D
Description  LVDT signal conditioner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5521D Datasheet(HTML) 1 Page - NXP Semiconductors

  NE5521D Datasheet HTML 1Page - NXP Semiconductors NE5521D Datasheet HTML 2Page - NXP Semiconductors NE5521D Datasheet HTML 3Page - NXP Semiconductors NE5521D Datasheet HTML 4Page - NXP Semiconductors NE5521D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE5521
LVDT signal conditioner
901
August 31, 1994
853-0043 13721
DESCRIPTION
The NE/SA/SE5521 is a signal conditioning circuit for use with
Linear Variable Differential Transformers (LVDTs) and Rotary
Variable Differential Transformers (RVDTs). The chip includes a low
distortion, amplitude-stable sine wave oscillator with programmable
frequency to drive the primary of the LVDT/RVDT, a synchronous
demodulator to convert the LVDT/RVDT output amplitude and phase
to position information, and an output amplifier to provide
amplification and filtering of the demodulated signal.
FEATURES
Low distortion
Single supply 5V to 20V, or dual supply ±2.5V to ±10V
Oscillator frequency 1kHz to 20kHz
Capable of ratiometric operation
Low power consumption (182mV typ)
APPLICATIONS
LVDT signal conditioning
RVDT signal conditioning
LPDT signal conditioning
Bridge circuits
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
1
2
3
4
5
6
7
8
11
12
13
14
15
16
18
17
9
10
AMP OUT
+IN
–IN
LVDT IN
DEMOD OUT
SYNC
GND
N.C.
N.C.
V+
CT
VREF
FEEDBACK
OSC
OSC
VREF/2
RT
N.C.
AMP OUT
+IN
–IN
LVDT IN
DEMOD OUT
SYNC
GND
N.C.
V+
CT
VREF
FEEDBACK
OSC
OSC
VREF/2
RT
F, N Packages
TOP VIEW
D1 Package
TOP VIEW
NOTE:
1. SOL — released in large SO package only.
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
18-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5521N
0407A
16-Pin Small Outline Large (SOL) Package
0 to +70
°C
NE5521D
0171B
18-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA5521N
0407A
18-Pin Ceramic Dual In-Line Package (CERDIP)
–55 to +125
°C
SE5521F
0583A
16-Pin Ceramic Dual In-Line Package (CERDIP)
–40 to +85
°C
SA5521D
0582B
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
+20
V
Split supply voltage
±10
V
TA
Operating temperature range
NE5521
SA5521
SE5521
0 to 70
–40 to +85
–55 to +125
°C
°C
°C
TSTG
Storage temperature range
–65 to +125
°C
PD
Power dissipation1
910
mW
NOTES:
1. For derating, see typical power dissipation versus load curves (Figure 1).


Similar Part No. - NE5521D

ManufacturerPart #DatasheetDescription
logo
NEC
NE5520279A NEC-NE5520279A Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
California Eastern Labs
NE5520279A CEL-NE5520279A Datasheet
351Kb / 8P
   3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
Renesas Technology Corp
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
logo
NEC
NE5520279A-T1 NEC-NE5520279A-T1 Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
Renesas Technology Corp
NE5520279A-T1 RENESAS-NE5520279A-T1 Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5521D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598 AD-AD598_15 Datasheet
556Kb / 16P
   LVDT Signal Conditioner
REV. A
AD698 AD-AD698 Datasheet
228Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com