Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1002-QB-0N0T Datasheet(PDF) 5 Page - Mimix Broadband

Part # XR1002-QB-0N0T
Description  18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1002-QB-0N0T Datasheet(HTML) 5 Page - Mimix Broadband

  XR1002-QB-0N0T Datasheet HTML 1Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 2Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 3Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 4Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 5Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 6Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 7Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 8Page - Mimix Broadband XR1002-QB-0N0T Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
18.0-30.0 GHz GaAs Receiver
QFN, 7x7 mm
R1002-QB
Page 5 of 10
App Note [1] Biasing - This device is operated with both stages in parallel, and can be biased for low noise performance or high
power performance. Low noise bias is nominally Vd=4.5V, Id=135mA and is the recommended bias condition. More controlled
performance will be obtained by separately biasing Vd1 and Vd2 each at 4.5V, 65mA. Power bias may be as high as Vd=5.5V,
Id=270mA with all stages in parallel, or most controlled performance will be obtained by separately biasing Vd1 and Vd2 each at 5.5V,
135mA. Attenuator bias, Vg3, can be adjusted from 0.0 to -1.2V with 0.0V providing maximum attenuation and -1.2V providing
minimum attenuation. Image reject mixer bias, Vg4, should nominally be -0.8V to minimize sensitivity of mixer performance to LO
level. It is also recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this gives the
most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a
single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the
current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed
to do this is -0.5V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the
applied voltage to ensure negative gate bias is available before applying the positive drain supply.
MTTFTables
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
81 deg Celsius
101 deg Celsius
121 deg Celsius
FITs
1.48E-03
2.44E-02
3.04E-01
MTTF Hours
6.77E+11
4.09E+10
3.29E+09
Rth
-
65.0° C/W
-
Bias Conditions: Vd=3.0V, Id=135 mA
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
142 deg Celsius
162 deg Celsius
182 deg Celsius
FITs
2.43E+00
1.87E+01
1.20E+02
MTTF Hours
4.11E+08
5.36E+07
8.35E+06
Rth
-
58.9° C/W
-
Bias Conditions: Vd=5.5V, Id=270 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
November 2006 - Rev 03-Nov-06


Similar Part No. - XR1002-QB-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1002-BD MIMIX-XR1002-BD Datasheet
433Kb / 10P
   17.65-33.65 GHz GaAs MMIC Receiver
More results

Similar Description - XR1002-QB-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com